Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ20 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # MJ20
Description  5 x 3.2 x 1.0mm SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MJ20 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  MJ20 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
5 x 3.2 x 1.0mm SMD
DESCRIPTION
MJ crystals are miniature surface-mount crystals produced with a
ceramic substrate and seam-welded metal lid. Their compact size and
low mass make hem an ideal crystal for high-density applications.
Miniature size: 5.0mm x 3.2mm x 1.0mm height
Gold-plated ceramic base with metal seam-welded lid
To minimize EMI the whole crystal may be grounded
High shock and vibration resistance
·
Ideal for PDAs, GPS, PCMCIA, Wirles LAN etc.
FEATURES
OUTLINE & DIMENSIONS
Frequency Range:
10.0MHz to 48.0MHz
Mode:
AT-Cut Fundamental
Calibration Tolerance at 25ºC:
from ±5ppm
(±10, ±20 or ±30ppm standard)
Frequency stability
-10° to +60°C
from ±5ppm
-20° to +70°C
from ±10ppm
-40° to +90°C
from ±15ppm
Storage Temperature:
-40°~+105°C
Effective Series Resistance:
See table
Shunt Capacitance (C0):
2pF to 4pF typical, 5pF maximum
Load Capacitance (CL):
Series or from 10pF to 32pF
(Customer specified CL)
Ageing:
<±3ppm per year at +25°C
Drive level:
100 mW maximum
Reflow Soldering:
10s maximum at 260°C twice
or 180s at 230°C, once.
Package:
Ceramic base, metal (Kovar) lid,
Hermetic seal
Packaging:
12mm EIA tape and reel
1000 pieces per reel
SPECIFICATION
10.0 ~ 12.0
AT Fund.
80
12.0 ~ 16.0
AT Fund.
60
16.01~48.0
AT Fund.
50
Frequency
Range MHz
Crystal Cut/
Mode
ESR
Ohms Max.
EQUIVALENT SERIES RESISTANCE (ESR)
MJ CRYSTALS
PART NUMBER GENERATION
Part numbers for MJ crystals are generated as follows:
12.000MHz MJ/20/30/-10+60/18pF/60R
Example:
Nominal Frequency
Package
Calibration tolerance
at 25°C (±ppm)
Temperature Stability
over temp. range (±ppm)
Operating Temp. Range (°C)
(Lower and upper limits)
Load Capacitance
(Either SR for series or CL in pF)
Equivalent Series Resistance
(Optional - use when special
value is required)
RoHS Status:
Compliant
Gross Leak:
1kg pressurized water immersion
test as per Euroquartz procedures.
Fine Leak:
<5x10-8 atm cc/s -helium leak test
Shock:
±5ppm max. Free drop 3 times
from 75cm height onto a hard
wooden board or half sine wave
acceleration of 100g peak
amplitude for 11 ms duration, 3
cycles each plane.
Vibration:
±5ppm max., frequency 10 to
55Hz, amplitude 1.5mm or
10g rms. Duration 6 hours.
Solderability:
MIL-STD-883, Method 2003
Humidity:
48 hours at 85°C, relative
humidity, non-condensing
Thermal Shock:
Temperature cycling: Exposed to
-40°C for 30 minutes then to
+85°C for 30 minutes,
- duration 5 days.
ENVIRONMENTAL SPECIFICATION


Similar Part No. - MJ20

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
5.0 x 3.2 x 0.9mm SMD
logo
List of Unclassifed Man...
MJ2-1 ETC-MJ2-1 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300 ETC-MJ2-1300 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300-AFR-20 ETC-MJ2-1300-AFR-20 Datasheet
8Mb / 17P
Basic Limit Switch
More results

Similar Description - MJ20

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TEI31 TRANSKO-TEI31 Datasheet
418Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 1.5 x 1.0mm)
Ver.1: Mar. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
logo
EUROQUARTZ limited
G326 EUROQUARTZ-G326 Datasheet
181Kb / 2P
3.2 x 2.5 x 1.0mm 6 pad SMD CMOS
logo
Transko Electronics, In...
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
logo
EUROQUARTZ limited
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
5 x 3.2 x 0.9mm SMD
logo
Transko Electronics, In...
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com