Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX941 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX941
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX941 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX941_08 Datasheet HTML 1Page - Maxim Integrated Products MAX941_08 Datasheet HTML 2Page - Maxim Integrated Products MAX941_08 Datasheet HTML 3Page - Maxim Integrated Products MAX941_08 Datasheet HTML 4Page - Maxim Integrated Products MAX941_08 Datasheet HTML 5Page - Maxim Integrated Products MAX941_08 Datasheet HTML 6Page - Maxim Integrated Products MAX941_08 Datasheet HTML 7Page - Maxim Integrated Products MAX941_08 Datasheet HTML 8Page - Maxim Integrated Products MAX941_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX941/MAX942/MAX944 are single/dual/quad
high-speed comparators optimized for systems pow-
ered from a 3V or 5V supply. These devices combine
high speed, low power, and rail-to-rail inputs.
Propagation delay is 80ns, while supply current is only
350µA per comparator.
The input common-mode range of the MAX941/
MAX942/MAX944 extends beyond both power-supply
rails. The outputs pull to within 0.4V of either supply rail
without external pullup circuitry, making these devices
ideal for interface with both CMOS and TTL logic. All
input and output pins can tolerate a continuous short-
circuit fault condition to either rail.
Internal hysteresis ensures clean output switching,
even with slow-moving input signals. The MAX941 fea-
tures latch enable and device shutdown.
The single MAX941 and dual MAX942 are offered in a
tiny µMAX® package. Both the single and dual MAX942
are available in 8-pin DIP and SO packages. The quad
MAX944 comes in 14-pin DIP and narrow SO packages.
________________________Applications
3V/5V Systems
Battery-Powered Systems
Threshold Detectors/Discriminators
Line Receivers
Zero-Crossing Detectors
Sampling Circuits
____________________________Features
♦ Available in µMAX Package
for Automotive Applications
♦ Optimized for 3V and 5V Applications
(Operation Down to 2.7V)
♦ Fast, 80ns Propagation Delay (5mV Overdrive)
♦ Rail-to-Rail Input Voltage Range
♦ Low 350µA Supply Current per Comparator
♦ Low, 1mV Offset Voltage
♦ Internal Hysteresis for Clean Switching
♦ Outputs Swing 200mV of Power Rails
♦ CMOS/TTL-Compatible Outputs
♦ Output Latch (MAX941 Only)
♦ Shutdown Function (MAX941 Only)
High-Speed, Low-Power, 3V/5V, Rail-to-Rail,
Single-Supply Comparators
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
8
7
6
5
N.C.
OUT
GND
LATCH
SHDN
IN-
IN+
V+
DIP/SO/
μMAX
1
2
3
4
8
7
6
5
V+
OUTB
INB-
INB+
GND
INA+
INA-
OUTA
MAX942
DIP/SO/
μMAX
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
GND
V+
INA+
INA-
OUTA
INC+
INC-
OUTC
OUTB
INB-
INB+
DIP/SO
MAX941
MAX944
TOP VIEW
A
B
AD
BC
Pin Configurations
19-0229; Rev 8; 11/08
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
MAX941CPA
0
°C to +70°C
8 Plastic DIP
MAX941CSA
0
°C to +70°C
8 SO
MAX941EPA
-40
°C to +85°C
8 Plastic DIP
MAX941ESA
-40
°C to +85°C
8 SO
MAX941EUA-T
-40
°C to +85°C
8 µMAX
MAX941AUA-T
-40
°C to +125°C
8 µMAX
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX941_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
More results

Similar Description - MAX941_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com