Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM42T33-32.768K-2.5-30 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EM42T33-32.768K-2.5-30
Description  HCMOS 4 pad SMD, kHz Range
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EM42T33-32.768K-2.5-30 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EM42T33-32.768K-2.5-30 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
TCXO
EM42T Series
DESCRIPTION
Miniature 11.4 x 9.6 x 2.5mm SMD package
Frequency range: 20.0 to 50.0kHz; 32.768kHz
Supply voltage 3.3 or 5.0 Volts
Frequency stability from ±1ppm over -30 to +75°C
EM42T series TCXOs are packaged in a miniature 4 pad ceramic SMD
package. With squarewave (CMOS) output, tolerances are available
from ±1.0ppm over -30° to +75°C. The part has a 0.01mF decoupling
capacitor built in.
EM42T - OUTLINES AND DIMENSIONS
FREQUENCY STABILITY
Frequency
+3.3 V
32.768kHz
8.0mA
50kHz
12mA
CURRENT CONSUMPTION
SPECIFICATION
Product Series Code
TCXO:
EM42T
VCTCXO:
VEM42T
Frequency Range:
32.768kHz Standard frequency
20.0kHz to 50.0kHz
Output Waveform:
Squarewave
Initial Calibration Tolerance
Models with mech. trimmer: <1.0ppm (at t. 25°±2°C)
Models without trimmer:
<2.0ppm (at t. 25°±2°C)
Operating Temperature Range:
See table
Frequency Stability
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.3 ppm max. ±5% change
vs. Load Change:
±0.3 ppm max. ±10% change
vs. Reflow:
±1ppm max. for one reflow
(Measured after 24 hours)
Supply Voltage:
+3.3 or +5.0Volts
(Specify when ordering)
Output Logic Levels:
Logic High: 90% Vdd min.
Logic Low: 10% Vdd max.
Rise and Fall Times:
10ns max.
Duty Cycle:
50%±5%
Start-up Time:
2ms typical, 5ms max.
Current Consumption:
See table below
Output Load:
15pF
Storage Temperature:
-55~+125°C
PART NUMBERING PROCEDURE
Example:
EM42T33-32.768k-2.5/-30+75
Supply Voltage
33 = 3.3 VDC
5 = 5.0 VDC
Frequency (kHz)
Stability over OTR (±ppm)
Operating Temperature Range (OTR) (°C)
Lower and upper limits.
Series Description
TCXO = EM42T
VCTCXO = VEM42T
Control Voltage:
Standard = +1.5±1.0Volts for all input
voltages. (Contact technical sales if
+2.5±2.0 Volts is required.)
Frequency Deviation:
±6.0 ppm min.
Slope Polarity:
Positive (increase of control voltage increases
output frequency.)
Input Impedance:
10k
min.
Modulation Bandwidth: 3.0kHz min. measured at -3dB
Linearity:
10% max.
VEM42T VOLTAGE CONTROL SPECIFICATION
HCMOS 4 pad SMD, kHz Range
Frequency Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
Temperature
Range (°C)
0 ~ +50
ASK
P
P
P
P
-10 ~ +60
x
P
P
P
P
-20 ~ +70
x
x
P
P
P
-30 ~ +75
x
x
x
P
PP
-40 ~ +85
x
x
x
x
P
P
= available, x = not available, ASK = call Technical Sales
FREQUENCY STABILITY


Similar Part No. - EM42T33-32.768K-2.5-30

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM42T33-32.768K-2.5-30 EUROQUARTZ-EM42T33-32.768K-2.5-30 Datasheet
113Kb / 1P
HCMOS 4 pad SMD, kHz Range
More results

Similar Description - EM42T33-32.768K-2.5-30

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM42GT33-32.768K-2.5 EUROQUARTZ-EM42GT33-32.768K-2.5 Datasheet
118Kb / 1P
HCMOS 4 pad SMD, kHz Range
EM42T33-32.768K-2.5 EUROQUARTZ-EM42T33-32.768K-2.5 Datasheet
113Kb / 1P
HCMOS 4 pad SMD, kHz Range
EM44GT33-32.768K-2.5 EUROQUARTZ-EM44GT33-32.768K-2.5 Datasheet
128Kb / 1P
HCMOS 4 pad SMD, kHz Range
EM44T33-32.768K-2.5 EUROQUARTZ-EM44T33-32.768K-2.5 Datasheet
123Kb / 1P
HCMOS 4 pad SMD, kHz Range
EM62GT33-32.768K-2.5 EUROQUARTZ-EM62GT33-32.768K-2.5 Datasheet
128Kb / 1P
HCMOS 6 pad SMD, kHz Range
EM62T EUROQUARTZ-EM62T Datasheet
123Kb / 1P
HCMOS 6 pad SMD, kHz Range
EM62T33-32.768K-2.5 EUROQUARTZ-EM62T33-32.768K-2.5 Datasheet
123Kb / 1P
HCMOS 6 pad SMD, kHz Range
EM64GT33-32.768K-2.5 EUROQUARTZ-EM64GT33-32.768K-2.5 Datasheet
127Kb / 1P
HCMOS 6 pad SMD, kHz Range
EM64T33-32.768K-2.5 EUROQUARTZ-EM64T33-32.768K-2.5 Datasheet
122Kb / 1P
HCMOS 6 pad SMD, kHz Range
EM42GT-KHZ EUROQUARTZ-EM42GT-KHZ Datasheet
128Kb / 1P
HCMOS 4 pad SMD, kHz Range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com