Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39GT Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EM39GT
Description  HCMOS, 14 pin DIL compatible, MHz Range
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EM39GT Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EM39GT Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
TCXO
HCMOS, 14 pin DIL compatible, MHz Range
EM39GT Series
DESCRIPTION
Package pin compatible with 14 pin DIL
Wide frequency range: 1.25MHz to 156.0MHz
Supply voltage 2.8, 3.0, 3.3 or 5.0 Volts
Frequency stability from ±1ppm over -30 to +75°C
RoHS compliant
EM39GT series TCXOs are packaged in a conventional through hole-
mounted package compatible with 14 pin DIL. With squarewave
(CMOS) output, tolerances are available from ±1.0ppm over -30° to
+75°C. The part has a 0.01mF decoupling capacitor built in.
EM39GT - OUTLINES AND DIMENSIONS
SPECIFICATION
Product Series Code
TCXO:
EM39GT
VCTCXO:
VEM39GT
Frequency Range:
1.25MHz to 156.0MHz
Output Waveform:
Squarewave, HCMOS
Initial Calibration Tolerance:
<±1.0ppm at +25°±2°C
Standard Frequencies:
10.0, 12.8, 13.0, 14.4, 15.36,
16.384, 19.2, 19.440, 19.68,
25.0, 20.0, 27.0, 38.880,
40.0, 77.760, 125.0, 155.520
(Partial list)
Operating Temperature Range:
See table
Frequency Stability
vs. Ageing:
±1.0 ppm max. first year
vs. Voltage Change:
±0.3 ppm max. ±5% change
vs. Load Change:
±0.3 ppm max. ±10% change
vs. Reflow (SMD type):
±1.0ppm max. for one reflow
(Measured after 24 hours)
Mechanical Frequency Tuning:
±3ppm minimum
Supply Voltage:
+2.8, +3.0, +3.3 or +5.0V
(See table)
Output Logic Levels:
Logic High: 90% Vdd min.
Logic Low: 10% Vdd max.
Rise and Fall Times:
10ns max.
Duty Cycle:
50%±10% standard,
50%±5% option
Start-up Time:
5ms typical, 10ms max.
Current Consumption:
See table below
Output Load:
15pF
Storage Temperature:
-55~+125°C
PART NUMBERING SCHEDULE
Example:
EM39GT33-38.880-2.5/-30+75
Supply Voltage
28 = 2.8VDC
3 = 3.0VDC
33 = 3.3 VDC
5 = 5.0 VDC
Frequency (MHz)
Stability over OTR (±ppm)
Operating Temperature Range (OTR) (°C)
Lower and upper limits.
Series Description
TCXO = EM39GT
VCTCXO = VEM39GT
Control Voltage:
Standard = +1.5±1.0Volts for all input
voltages. (Contact technical sales if
+2.5±2.0 Volts is required.)
Frequency Deviation:
±6.0 ppm min. (Vcon = +4.5V±1.0V)
Slope Polarity:
Positive (increase of control voltage increases
output frequency.)
Input Impedance:
50k
minimum
Modulation Bandwidth: 20kHz minimum
Linearity:
±10% maximum
VEM39GT VOLTAGE CONTROL SPECIFICATION
Offset
10Hz
100Hz
1kHz
10kHz
100kHz
Part =
M39GT33
at 10.0Mhz
(dBc/Hz)
-115
-135
-148
-152
-155
at 155.250Mhz
(dBc/Hz)
-72
-110
-125
-132
-125
SSB PHASE NOISE at 25°C
Input Voltage/
Frequency
+2.8V
+3.0
+3.3V
+5.0 V
8.192MHz
2mA
2mA
5mA
10.0MHz
3mA
4mA
7mA
77.760MHz
14mA
17mA
32mA
155.520MHz
26mA
35mA
50mA
INPUT VOLTAGE & CURRENT CONSUMPTION
Frequency Stability (ppm)
±0.5
±1.0
±1.5
±2.0
±2.5
Temperature
Range (°C)
0 ~ +50
ASK
P
P
P
P
-10 ~ +60
x
P
P
P
P
-20 ~ +70
x
x
P
P
P
-30 ~ +75
x
x
x
P
PP
-40 ~ +85
x
x
x
x
P
P
= available, x = not available, ASK = call Technical Sales
FREQUENCY STABILITY


Similar Part No. - EM39GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM39GT-KHZ EUROQUARTZ-EM39GT-KHZ Datasheet
128Kb / 1P
   CMOS 14 pin DIL compatible, kHz Range
EM39GT33-32.768-2.5-30 EUROQUARTZ-EM39GT33-32.768-2.5-30 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM39GT33-32.768K-2.5 EUROQUARTZ-EM39GT33-32.768K-2.5 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM39GT5-32.768-2.5-30 EUROQUARTZ-EM39GT5-32.768-2.5-30 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
More results

Similar Description - EM39GT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM38T33-32.768K-2.5 EUROQUARTZ-EM38T33-32.768K-2.5 Datasheet
341Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM39T EUROQUARTZ-EM39T Datasheet
125Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM38GT EUROQUARTZ-EM38GT Datasheet
346Kb / 1P
   HCMOS, 14 pin DIL compatible, MHz Range
EM14GT EUROQUARTZ-EM14GT Datasheet
141Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM14T EUROQUARTZ-EM14T Datasheet
136Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM15GT EUROQUARTZ-EM15GT Datasheet
142Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM15T EUROQUARTZ-EM15T Datasheet
137Kb / 1P
   HCMOS, 14 pin DIL, MHz Range
EM39GT33-32.768K-2.5 EUROQUARTZ-EM39GT33-32.768K-2.5 Datasheet
129Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM38T EUROQUARTZ-EM38T Datasheet
339Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
EM39T33-32.768K-2.5 EUROQUARTZ-EM39T33-32.768K-2.5 Datasheet
128Kb / 1P
   HCMOS 14 pin DIL compatible, kHz Range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com