Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP416
Description  Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP416 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP416 Datasheet HTML 1Page - Vishay Siliconix MKP416 Datasheet HTML 2Page - Vishay Siliconix MKP416 Datasheet HTML 3Page - Vishay Siliconix MKP416 Datasheet HTML 4Page - Vishay Siliconix MKP416 Datasheet HTML 5Page - Vishay Siliconix MKP416 Datasheet HTML 6Page - Vishay Siliconix MKP416 Datasheet HTML 7Page - Vishay Siliconix MKP416 Datasheet HTML 8Page - Vishay Siliconix MKP416 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28128
278
Revision: 21-Nov-05
MKP 416 to 420
Vishay BCcomponents Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
URdc = 63 V; URac = 25 V; Up-p =70 V
C
(E 24)
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 416 ..... AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
LOOSE IN BOX
H
= 18.5 mm;
P0 = 12.7 mm
lt
=
4.0
+ 1.0/− 0.5 mm
H
= 18.5 mm;
P0 = 12.7 mm
lt
=
3.5
± 0.3 mm
C-tol
=± 2 %
C-tol
=± 2 %
C-tol
=± 2 %
C-tol
=± 2 %
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
Pitch
= 5.0 ± 0.3 mm; d
t = 0.50 ± 0.05 mm
0.036
4.5
× 9.0 × 7.2
0.45
13603
1000
43603
2000
0.039
13903
43903
0.043
14303
44303
0.047
14703
44703
0.051
6.0
× 11.0 × 7.2
0.60
15103
750
45103
1500
0.056
15603
45603
0.062
16203
46203
0.068
16803
46803
0.075
17503
47503
0.082
18203
48203
0.091
19103
49103
0.1
11004
41004
0.11
11104
41104
0.12
11204
41204
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.13
5.0
× 11.0 × 12.5
0.85
11304
600
41304
1000
0.15
11504
41504
0.16
6.0
× 12.0 × 12.5
1.10
11604
500
41604
750
0.18
11804
41804
0.20
12004
42004
0.22
12204
42204
0.24
12404
42404
0.27
12704
42704
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.3
6.0
× 12.0 × 17.5
1.4
13004
900
73004
1000
0.33
13304
73304
0.36
13604
73604
0.39
13904
73904
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.43
7.0
× 13.5 × 17.5
1.9
14304
800
74304
750
0.47
14704
74704
0.51
15104
75104
0.56
15604
75604
0.62
8.5
× 15.0 × 17.5
2.6
16204
650
76204
750
0.68
16804
76804
0.75
17504
77504
0.82
18204
78204
0.91
10.0
× 16.5 × 17.5
3.1
19104
600
79104
500
1.0
11005
71005
1.1
11105
71105


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP416 ETC1-MKP416 Datasheet
1Mb / 40P
Metallized polypropylene filter capacitors
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP422 VISHAY-MKP422 Datasheet
193Kb / 5P
Metallized Polypropylene Filter Film Capacitors MKP Radial Potted Type for Surge Voltage Applications
Revision: 21-Nov-05
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com