Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP416
Description  Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP416 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP416 Datasheet HTML 1Page - Vishay Siliconix MKP416 Datasheet HTML 2Page - Vishay Siliconix MKP416 Datasheet HTML 3Page - Vishay Siliconix MKP416 Datasheet HTML 4Page - Vishay Siliconix MKP416 Datasheet HTML 5Page - Vishay Siliconix MKP416 Datasheet HTML 6Page - Vishay Siliconix MKP416 Datasheet HTML 7Page - Vishay Siliconix MKP416 Datasheet HTML 8Page - Vishay Siliconix MKP416 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 28128
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
277
MKP 416 to 420
Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
≤ 0.0091 µF
≤ 5 × 10−4
≤ 10 × 10−4
0.0091 µF
< C ≤ 0.027 µF
≤ 5 × 10−4
≤ 15 × 10−4
0.027 µF
< C ≤ 0.075 µF
≤ 5 × 10−4
≤ 20 × 10−4
0.075 µF
< C ≤ 0.11 µF
≤ 5 × 10−4
≤ 25 × 10−4
0.11 µF
< C ≤ 0.18 µF
≤ 10 × 10−4
≤ 30 × 10−4
0.18 µF
< C ≤ 0.27 µF
≤ 10 × 10−4
≤ 35 × 10−4
0.27 µF
< C ≤ 0.39 µF
≤ 10 × 10−4
≤ 40 × 10−4
0.39 µF
< C ≤ 0.56 µF
≤ 10 × 10−4
≤ 45 × 10−4
0.56 µF
< C ≤ 0.75 µF
≤ 10 × 10−4
≤ 50 × 10−4
0.75 µF
< C ≤ 1.1 µF
≤ 10 × 10−4
≤ 60 × 10−4
Rated voltage pulse slope (dU/dt)R :
at 63 V (DC)
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
at 630 V (DC)
P
= 5mm
50V/µs
50V/µs
50V/µs
50V/µs
50V/µs
P
= 10 mm
20 V/µs
20 V/µs
20 V/µs
20 V/µs
50 V/µs
P
= 15 mm
50 V/µs
50 V/µs
50 V/µs
50 V/µs
50 V/µs
R between leads, for C
≤ 0.33 µF:
at 50 V; 1 minute
> 100000 MΩ
at 100 V; 1 minute
> 100000 MΩ> 100000 MΩ> 100000 MΩ> 100000 MΩ
RC between leads, for C
> 0.33 µF at 10 V;
1minute
> 30000 s
>30000 s
>30000 s
>30000 s
R between interconnecting leads and casing;
50 V; 1 minute
> 100000 MΩ> 100000 MΩ> 100000 MΩ> 100000 MΩ> 100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
100 V; 1 minute
260 V; 1 minute
400 V; 1 minute
640 V; 1 minute 1000 V; 1 minute
Withstanding (DC) voltage between leads and case 2840 V; 1 minute 2840 V; 1 minute 2840 V; 1 minute 2840 V; 1 minute 1260 V; 1 minute


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP416 ETC1-MKP416 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP422 VISHAY-MKP422 Datasheet
193Kb / 5P
   Metallized Polypropylene Filter Film Capacitors MKP Radial Potted Type for Surge Voltage Applications
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com