Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP416
Description  Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP416 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP416 Datasheet HTML 4Page - Vishay Siliconix MKP416 Datasheet HTML 5Page - Vishay Siliconix MKP416 Datasheet HTML 6Page - Vishay Siliconix MKP416 Datasheet HTML 7Page - Vishay Siliconix MKP416 Datasheet HTML 8Page - Vishay Siliconix MKP416 Datasheet HTML 9Page - Vishay Siliconix MKP416 Datasheet HTML 10Page - Vishay Siliconix MKP416 Datasheet HTML 11Page - Vishay Siliconix MKP416 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28128
284
Revision: 21-Nov-05
MKP 416 to 420
Vishay BCcomponents Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
Tamb
≤ 85 °C, 63 VDC
10
2
10
1
10
0
f (Hz)
10
3
10
4
10
5
10
6
10
7
Tamb
≤ 85 °C, 160 VDC
10
2
10
1
10
0
f (Hz)
10
3
10
4
10
5
10
6
10
7
470
nF
47
nF
100
nF
Tamb
≤ 85 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
3
10
4
10
5
10
6
10
7
22
nF
10
2
330
nF
47
nF
10
nF
Tamb
≤ 85 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
3
10
4
10
5
10
6
10
7
22
nF
10
2
4.7
nF
2.2
nF
100
nF
47
nF
10
nF
Tamb
≤ 85 °C, 630 VDC
10
3
10
1
10
0
f (Hz)
10
3
10
4
10
5
10
6
10
7
22
nF
10
2


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP416 ETC1-MKP416 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP422 VISHAY-MKP422 Datasheet
193Kb / 5P
   Metallized Polypropylene Filter Film Capacitors MKP Radial Potted Type for Surge Voltage Applications
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com