Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP416
Description  Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP416 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP416 Datasheet HTML 4Page - Vishay Siliconix MKP416 Datasheet HTML 5Page - Vishay Siliconix MKP416 Datasheet HTML 6Page - Vishay Siliconix MKP416 Datasheet HTML 7Page - Vishay Siliconix MKP416 Datasheet HTML 8Page - Vishay Siliconix MKP416 Datasheet HTML 9Page - Vishay Siliconix MKP416 Datasheet HTML 10Page - Vishay Siliconix MKP416 Datasheet HTML 11Page - Vishay Siliconix MKP416 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 28128
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
283
MKP 416 to 420
Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
URdc = 630 V; URac = 160 V; Up-p = 450 V
C
(E 24)
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 420 ..... AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
LOOSE IN BOX
H
= 18.5 mm;
P0 = 12.7 mm
lt
=
4.0
+ 1.0/− 0.5 mm
H
= 18.5 mm;
P0 = 12.7 mm
lt
=
3.5
± 0.3 mm
C-tol
=± 2 %
C-tol
=± 2 %
C-tol
=± 2 %
C-tol
=± 2 %
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
Pitch
= 5.0 ± 0.3 mm; d
t = 0.50 ± 0.05 mm
0.0015
3.5
× 8.0 × 7.2
0.35
11502
1500
41502
3000
0.0016
11602
41602
0.0018
11802
41802
0.002
12002
42002
0.0022
12202
42202
0.0024
12402
42402
0.0027
12702
42702
0.003
4.5
× 9.0 × 7.2
0.45
13002
1000
43002
2000
0.0033
13302
43302
0.0036
13602
43602
0.0039
13902
43902
0.0043
6.0
× 11.0 × 7.2
0.60
14302
750
44302
1500
0.0047
14702
44702
0.0051
15102
45102
0.0056
15602
45602
0.0062
16202
46202
0.0068
16802
46802
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.01
4.0
× 10.0 × 12.5
0.60
11003
750
41003
1000
0.011
11103
41103
0.012
11203
41203
0.013
11303
41303
0.015
11503
41503
0.016
11603
41603
0.018
5.0
× 11.0 × 12.5
0.85
11803
600
41803
1000
0.02
12003
42003
0.022
12203
42203
0.024
12403
42403
0.027
6.0
× 12.0 × 12.5
1.10
12703
500
42703
750
0.03
13003
43003
0.033
13303
43303
0.036
13603
43603
0.039
13903
43903
0.043
14303
44303
0.047
14703
44703
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.051
6.0
× 12.0 × 17.5
1.4
15103
900
75103
1000
0.056
15603
75603
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.062
7.0
× 13.5 × 17.5
1.9
16203
800
76203
750
0.068
16803
76803
0.075
17503
77503
0.082
18203
78203
0.091
8.5
× 15.0 × 17.5
2.6
19103
650
79103
750
0.1
11004
71004
0.11
11104
71104
0.12
11204
71204
0.13
10.0
× 16.5 × 17.5
3.1
11304
600
71304
500
0.15
11504
71504
0.16
11604
71604


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP416 ETC1-MKP416 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP422 VISHAY-MKP422 Datasheet
193Kb / 5P
   Metallized Polypropylene Filter Film Capacitors MKP Radial Potted Type for Surge Voltage Applications
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com