Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP416 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MKP416
Description  Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP416 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP416 Datasheet HTML 1Page - Vishay Siliconix MKP416 Datasheet HTML 2Page - Vishay Siliconix MKP416 Datasheet HTML 3Page - Vishay Siliconix MKP416 Datasheet HTML 4Page - Vishay Siliconix MKP416 Datasheet HTML 5Page - Vishay Siliconix MKP416 Datasheet HTML 6Page - Vishay Siliconix MKP416 Datasheet HTML 7Page - Vishay Siliconix MKP416 Datasheet HTML 8Page - Vishay Siliconix MKP416 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 28128
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
279
MKP 416 to 420
Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
URdc = 160 V; URac = 63 V; Up-p =180 V
C
(E 24)
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 417 ..... AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
LOOSE IN BOX
H
= 18.5 mm;
P0 = 12.7 mm
lt
=
4.0
+ 1.0/− 0.5 mm
H
= 18.5 mm;
P0 = 12.7 mm
lt
=
3.5
± 0.3 mm
C-tol
=± 2 %
C-tol
=± 2 %
C-tol
=± 2 %
C-tol
=± 2 %
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
last 5 digits of
catalog
number
SPQ
Pitch
= 5.0 ± 0.3 mm; d
t = 0.50 ± 0.05 mm
0.024
4.5
× 9.0 × 7.2
0.45
12403
1000
42403
2000
0.027
12703
42703
0.03
13003
43003
0.033
13303
43303
0.036
6.0
× 11.0 × 7.2
0.60
13603
750
43603
1500
0.039
13903
43903
0.043
14303
44303
0.047
14703
44703
0.051
15103
45103
0.056
15603
45603
0.062
16203
46203
0.068
16803
46803
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.075
4.0
× 10.0 × 12.5
0.60
17503
750
47503
1000
0.082
18203
48203
0.091
19103
49103
0.1
11004
41004
0.11
5.0
× 11.0 × 12.5
0.85
11104
600
41104
1000
0.12
11204
41204
0.13
11304
41304
0.15
11504
41504
0.16
6.0
× 12.0 × 12.5
1.10
11604
500
41604
750
0.18
11804
41804
0.20
12004
42004
0.22
12204
42204
0.24
12404
42404
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.27
5.0
× 11.0 × 17.5
1.2
12704
1100
72704
1250
0.3
6.0
× 12.0 × 17.5
1.4
13004
900
73004
1000
0.33
13304
73304
0.36
13604
73604
0.39
13904
73904
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.43
7.0
× 13.5 × 17.5
1.9
14304
800
74304
750
0.47
14704
74704
0.51
15104
75104
0.56
15604
75604
0.62
8.5
× 15.0 × 17.5
2.6
16204
650
76204
750
0.68
16804
76804
0.75
17504
77504
0.82
18204
78204
0.91
10.0
× 16.5 × 17.5
3.1
19104
600
79104
500
1.0
11005
71005
1.1
11105
71105


Similar Part No. - MKP416

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP416 ETC1-MKP416 Datasheet
1Mb / 40P
Metallized polypropylene filter capacitors
More results

Similar Description - MKP416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP422 VISHAY-MKP422 Datasheet
193Kb / 5P
Metallized Polypropylene Filter Film Capacitors MKP Radial Potted Type for Surge Voltage Applications
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com