Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA5114A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA5114A
Description  RGB SWITCHING CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5114A Datasheet(HTML) 3 Page - STMicroelectronics

  TEA5114A Datasheet HTML 1Page - STMicroelectronics TEA5114A Datasheet HTML 2Page - STMicroelectronics TEA5114A Datasheet HTML 3Page - STMicroelectronics TEA5114A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEA5114A
1234
5678
9
10
11
12
13
14
15
16
1
µF
100nF
VCC
SWITCHES
CONTROL
FAST
BLANKING
OUTPUT
FAST
BLANKING
INPUT
R
G
B + FB2
3x ZL
6 x 47nF
6x 75
R1
R2
G1
G2
B1
B2
INPUTS
RG
B
OUTPUTS
TEST DIAGRAM
9
15
16
G= 2
14
G= 2
G = 2
123
10
11
12
13
45
678
OR
VCC
4.7
µF
ZL
ZL
ZL
0.1
µF
0.1
µF
0.1
µF
Rout
Gout
Bout
FBout
Typical output
Signal 1Vpp
TO VIDEO PROCESSOR
FB2
B2
G2
R2
2nd
GENERATOR
39
39
39
39
6 x 100nF
R1
G1
B1
FB1
1st GENERATOR
Vcc = 12V
Vcc = 10V
ZL
ZL
300
150
Peritelevision plug standard input value 1Vpp
VREF
TEA5114A
TYPICAL R, G, B SWITCHING APPLICATION
TEA5114A
3/4


Similar Part No. - TEA5114A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
   5 CHANNELS VIDEO SWITCH
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
   5 CHANNELS VIDEO SWITCH
More results

Similar Description - TEA5114A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
NTE7048 NTE-NTE7048 Datasheet
43Kb / 5P
   Integrated Circuit NTSC Decoder w/Fast RGB Blanking
logo
Toshiba Semiconductor
RN1410 TOSHIBA-RN1410 Datasheet
177Kb / 5P
   Switching, Inverter Circuit, Interface Circuit
logo
DOMINANT Semiconductors
SNRTB-RLG DOMINANT-SNRTB-RLG Datasheet
1Mb / 17P
   SpiceLED RGB
logo
Fairchild Semiconductor
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV3106RMTF FAIRCHILD-FJV3106RMTF Datasheet
94Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
List of Unclassifed Man...
ES71145 ETC-ES71145 Datasheet
113Kb / 7P
   RGB ENCODER
logo
Sony Corporation
CXA1645P SONY-CXA1645P Datasheet
299Kb / 14P
   RGB Encoder
logo
Fujitsu Component Limit...
MB3516A FUJITSU-MB3516A Datasheet
126Kb / 13P
   RGB Encoder
logo
Fairchild Semiconductor
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com