Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SM20
Description  Rack and Panel Connectors Subminiature Rectangular
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM20 Datasheet(HTML) 3 Page - Vishay Siliconix

  SM20 Datasheet HTML 1Page - Vishay Siliconix SM20 Datasheet HTML 2Page - Vishay Siliconix SM20 Datasheet HTML 3Page - Vishay Siliconix SM20 Datasheet HTML 4Page - Vishay Siliconix SM20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36010
3
Revision: 15-Feb-07
SM20
Vishay Dale
DIMENSIONS in inches [millimeters]
NOTE: The views below show the wiring side of a pin model connector (female is opposite). Socket hardware is assembled at “A” contact
end of a pin model connector.
42 CONTACTS
34 CONTACTS
26 CONTACTS
14 CONTACTS
20 CONTACTS
5 CONTACTS
7 CONTACTS
11 CONTACTS
75 CONTACTS
50 CONTACTS
TYPICAL END VIEW
75 CONTACTS
TYPICAL END VIEW
34 THRU 50 CONTACTS
.090
[2.29]
Typ.
.156 [3.96]
Typ.
.090
[2.29]
Typ.
.156 [3.96]
Typ.
Male Screwlock Pin
or Guide Pin
Female Guide
Socket
Female Screwlock Socket
or Guide Socket
.220
[5.59]
.560
[14.22]
1.812
[46.02]
2.06
[52.32]
Male Guide Pin
.720
[18.29]
.170
[4.32]
1.50
[38.10]
1.25
[31.75]
.340
[8.64]
.250
[6.35]
.340
[8.64]
.500
[12.70]
1.56
[39.62]
1.312
[33.32]
.500
[12.70]
.340
[8.64]
.250
[6.35]
1.81
[45.97]
1.562
[39.68]
A
D
H
L
P
T
W
Z
c
B
E
J
M
R
U
X
a
C
F
K
N
S
V
Y
b
d
A
E
K
P
U
Y
CC
HH
MM
B
F
L
R
V
Z
DD
JJ
C
H
M
S
W
AA
EE
KK
NN
D
J
N
T
X
BB
FF
LL
A
E
K
P
U
Y
CC
HH
MM
SS
WW
B
F
L
R
V
Z
DD
JJ
NN
TT
C
H
M
S
W
AA
EE
KK
PP
UU
XX
D
J
N
T
X
BB
FF
LL
RR
VV
A
H
P
W
c
j
r
x
AD
AL
AT
AZ
BF
B
J
R
X
d
k
s
y
AE
AM
AU
BA
C
K
S
Y
f
m
t
z
AF
AN
AV
BB
BH
D
L
T
Z
g
n
u
AA
AH
AP
AW
BC
E
M
U
a
h
p
v
AB
AJ
AR
AX
BO
BJ
F
N
V
b
i
p
w
AC
AK
AS
AY
BE
A
E
K
P
U
Y
CC
HH
MM
SS
WW
a
e
b
XX
ZZ
TT
NN
JJ
DD
Z
V
R
L
F
B
C
H
M
S
W
AA
EE
KK
PP
UU
YY
c
f
D
J
N
T
X
BB
FF
LL
RR
VV
d
.500
[12.70]
.340
[8.64]
.250
[6.35]
1.812
[46.02]
2.06
[52.32]
A
.230
[5.84]
.090 [2.29]
R Typ.
.780
[19.81]
.531
[13.49]
B
E
D
C
A
A
C
E
H
B
F
D
.625
[15.88]
.870
[22.10]
.230
[5.84]
.340
[8.64]
.170
[4.32]
.625
[15.88] .870
[22.10]
A
D
H
L
B
E
J
C
F
K
M
.170
[4.32]
1.25
[31.75]
1.0
[25.40]
.340
[8.64]
A
D
H
L
P
T
W
B
E
J
M
R
U
F
K
N
S
V
X
C
.170
[4.32]
.750
[19.05]
1.0
[25.40]
.340
[8.64]
A
D
H
L
B
E
R
C
F
K
N
J
M
P


Similar Part No. - SM20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM20 SEMTECH-SM20 Datasheet
118Kb / 3P
   RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
MIC GROUP RECTIFIERS
SM20 MIC-SM20 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
logo
Kemet Corporation
SM20 KEMET-SM20 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
SM20 ETC-SM20 Datasheet
422Kb / 1P
   SURFACE MOUNT PRECISION PLATE RESISTORS
More results

Similar Description - SM20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
Hirose Electric
QR-P18 HIROSE-QR-P18 Datasheet
521Kb / 12P
   Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com