Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM20 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SM20
Description  Rack and Panel Connectors Subminiature Rectangular
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM20 Datasheet(HTML) 5 Page - Vishay Siliconix

  SM20 Datasheet HTML 1Page - Vishay Siliconix SM20 Datasheet HTML 2Page - Vishay Siliconix SM20 Datasheet HTML 3Page - Vishay Siliconix SM20 Datasheet HTML 4Page - Vishay Siliconix SM20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - SM20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM20 SEMTECH-SM20 Datasheet
118Kb / 3P
RECTIFIER, up to 3kV, 600mA, 2.5關s
logo
MIC GROUP RECTIFIERS
SM20 MIC-SM20 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
logo
Kemet Corporation
SM20 KEMET-SM20 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
SM20 ETC-SM20 Datasheet
422Kb / 1P
SURFACE MOUNT PRECISION PLATE RESISTORS
More results

Similar Description - SM20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
Rack and Panel Filter Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
Revision: 08-Feb-07
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Hirose Electric
QR-P18 HIROSE-QR-P18 Datasheet
521Kb / 12P
Rectangular, Multiple-Position Rack/Panel Insulation Displacement Connectors
logo
Vishay Siliconix
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com