Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8214B Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA8214B
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214B Datasheet(HTML) 8 Page - STMicroelectronics

  TDA8214B Datasheet HTML 1Page - STMicroelectronics TDA8214B Datasheet HTML 2Page - STMicroelectronics TDA8214B Datasheet HTML 3Page - STMicroelectronics TDA8214B Datasheet HTML 4Page - STMicroelectronics TDA8214B Datasheet HTML 5Page - STMicroelectronics TDA8214B Datasheet HTML 6Page - STMicroelectronics TDA8214B Datasheet HTML 7Page - STMicroelectronics TDA8214B Datasheet HTML 8Page - STMicroelectronics TDA8214B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
13
5.8k
V
2.5V
R
V
2.75V
H
VL
2.25V
Line retrace
12
µs
Video
Ident.
Output
VCC1
10k
BC547
1N4148
8
1k
VCC1
V
R1
10
µF
V
R1
Line Sync.
V
R
VL
V
H
Line
Flyback
Integrated
Flyback
Line
Sync.
I8
Sampling Pulse
with video
without video
Figure 8 : Video Identification Circuit (Pin 8)
22nF
Vcc1
IN4002
IN4148
SSC
Vcc1
Line
Flyback
Vcc1
12nF
Horizontal
Frequency
Vertical
Amplitude
220nF
Video
Input
22nF
pp
Video Identification
BC547
2
1
8
3
9
4
10
7
14
20
13
18
12
11
5
6
15
16
19
17
100nF
100nF
220pF
180nF
Vcc
+24V
100
µF
4.7
820k
10k
47
µF
27k
120pF
220nF
68pF
180pF
2.2nF
1.5k
560k
15k
100k
4.7k
1
µF
100k
22k
22k
2.2k
680pF
100
1000
µF
220k
220k
22k
100
1
270
100nF
2.2
IN4148
10
µF
470
µF
Frame Yoke
30 mH, 15
I
= 840mA
TDA 8214B
TYPICAL APPLICATION
TDA8214B
8/9


Similar Part No. - TDA8214B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
   VIDEO & SOUND IF SYSTEM
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
   PAL DECODER AND VIDEO PROCESSOR
April 1996
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
More results

Similar Description - TDA8214B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
logo
STMicroelectronics
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
   Horizontal and vertical deflection monitor
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION CIRCUIT
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
   VERTICAL DEFLECTION AND GUARD CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com