Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA60FA120P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFA60FA120P
Description  HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA60FA120P Datasheet(HTML) 4 Page - Vishay Siliconix

  HFA60FA120P Datasheet HTML 1Page - Vishay Siliconix HFA60FA120P Datasheet HTML 2Page - Vishay Siliconix HFA60FA120P Datasheet HTML 3Page - Vishay Siliconix HFA60FA120P Datasheet HTML 4Page - Vishay Siliconix HFA60FA120P Datasheet HTML 5Page - Vishay Siliconix HFA60FA120P Datasheet HTML 6Page - Vishay Siliconix HFA60FA120P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94609
4
Revision: 16-Oct-08
HFA60FA120P
Vishay High Power Products
HEXFRED®
Ultrafast Soft Recovery
Diode, 60 A
Fig. 6 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical Peak Recovery Current vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 5);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
dI
F/dt (A/μs)
0
0
1
0
0
10
50
100
150
200
250
Vr = 200V
If = 50A, Tj = 25°C
If = 50A, Tj = 125°C
dI
F/dt (A/μs)
0
0
1
0
0
10
0
500
1000
1500
2000
2500
Vr = 200V
If = 50A, Tj = 25°C
If = 50A, Tj = 125°C
dI
F/dt (A/μs)
0
0
1
0
0
10
0
10
20
30
40
Vr = 200V
If = 50A, Tj = 25°C
If = 50A, Tj = 125°C


Similar Part No. - HFA60FA120P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA60FA120P VISHAY-HFA60FA120P Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
HFA60FA120P VISHAY-HFA60FA120P Datasheet
112Kb / 8P
HEXFRED짰 Ultrafast Soft Recovery Diode, 60 A
02-Oct-12
HFA60FA120P VISHAY-HFA60FA120P_10 Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
HFA60FA120P VISHAY-HFA60FA120P_V01 Datasheet
112Kb / 8P
HEXFRED짰 Ultrafast Soft Recovery Diode, 60 A
02-Oct-12
More results

Similar Description - HFA60FA120P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA120FA60P VISHAY-VS-HFA120FA60P Datasheet
879Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-13
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
HFA120FA60P VISHAY-HFA120FA60P Datasheet
164Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 04-Aug-08
HFA60EA120P VISHAY-HFA60EA120P_10 Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 06-Aug-10
HFA60FA120P VISHAY-HFA60FA120P_10 Datasheet
128Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
VS-HFA135NH40PBF VISHAY-VS-HFA135NH40PBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 275 A
01-Jan-2023
VS-HFA140NJ60CPBF VISHAY-VS-HFA140NJ60CPBF_V02 Datasheet
160Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 167 A
01-Jan-2023
HFA120FA120P VISHAY-HFA120FA120P Datasheet
114Kb / 7P
HEXFRED® Ultrafast Soft Recovery Diode, 120 A
Revision: 16-Oct-08
VS-HFA70FA120 VISHAY-VS-HFA70FA120 Datasheet
148Kb / 6P
HEXFRED® Ultrafast Soft Recovery Diode, 70 A
Revision: 17-Oct-16
VS-HFA220FA120 VISHAY-VS-HFA220FA120 Datasheet
141Kb / 6P
HEXFRED® Ultrafast Soft Recovery Diode, 220 A
Revision: 17-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com