Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5256DFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M5M5256DFP
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5256DFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M5M5256DFP Datasheet HTML 1Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 2Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 3Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 4Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 5Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 6Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 7Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RENESAS LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP,VP -70G,-70GI,-70XG
FUNCTION TABLE
The operation mode of the M5M5256DFP,VP is
determined by a combination of the dev ice control inputs
/S, /W and /OE. Each mode is summarized in the f unction
table.
A write cy cle is executed whenev er the low lev el /W
ov erlaps with the low lev el /S. The address must be set
up bef ore the write cy cle and must be stable during the
entire cy cle. The data is latched into a cell on the trailing
edge of /W, /S, whichev er occurs f irst, requiring the set-
up and hold time relativ e to these edge to be maintained.
The output enable /OE directly controls the output stage.
Setting the /OE at a high lev el,the output stage is in a
high-impedance state, and the data bus contention
problem in the write cy cle is eliminated.
Mode
DQ
Icc
/S
/W
/OE
Non selection
Write
Read
Stand-by
Active
Active
Active
High-impedance
DIN
DOUT
X
X
L
L
L
L
X
L
H
H
H
H
High-impedance
2
A read cy cle is executed by setting /W at a high lev el
and /OE at a low lev el while /S are in an activ e state.
When setting /S at a high lev el, the chip is in a non-
selectable mode in which both reading and writing are
disabled. In this mode, the output stage is in a high-
impedance state, allowing OR-tie with other chips and
memory expansion by /S. The power supply current is
reduced as low as the stand-by current which is specif ied
as Icc3 or Icc4, and the memory data can be held at
+2V power supply , enabling battery back-up operation
during power f ailure or power-down operation in the non-
selected mode.
VCC
(5V)
GND
(0V)
27
20
22
2
3
4
6
5
7
25
26
1
8
9
10
21
23
24
2
12
11
13
15
16
17
18
19
(512 ROWS X
512 COLUMNS)
32768 WORD
X 8BIT
GENERATOR
CLOCK
A 14
A 13
A 8
A 12
A 6
A 7
A 10
A 0
A 1
A 2
A 3
A 4
A 5
A 11
A 9
/W
/OE
/S
28
14
DQ8
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
ADDRESS
INPUT
DATA I/O
WRITE CONTROL
INPUT
OUTPUT ENABLE
INPUT
CHIP SELECT
INPUT
BLOCK DIAGRAM
Note • "H" and "L" in this table mean VIH and VIL, respectiv ely.
• "X" in this table should be "H" or "L".


Similar Part No. - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
160Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL MITSUBISHI-M5M5256DFP-10VXL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL-I MITSUBISHI-M5M5256DFP-10VXL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com