Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5256DFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M5M5256DFP
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5256DFP Datasheet(HTML) 7 Page - Renesas Technology Corp

  M5M5256DFP Datasheet HTML 1Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 2Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 3Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 4Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 5Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 6Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 7Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RENESAS LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP,VP -70G,-70GI,-70XG
7
(3) POWER DOWN CHARACTERISTICS
/S control mode
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS
Power down set up time
Power down recov ery time
(2) TIMING REQUIREMENTS
tsu (PD)
trec (PD)
Symbol
Parameter
ns
Max
Typ
Limits
Min
Test conditions
Unit
0
tCR
ns
2.2V
tsu (PD)
3.0V
2.2V
trec (PD)
/S
> Vcc-0.2V
Vcc
/S
Symbol
Parameter
V
V
Max
Typ
Limits
Min
Test conditions
Unit
V
2
1
0.2
Vcc (PD)
Icc (PD)
Power down supply v oltage
Power down supply current
2.2
VI (/S)
Chip select input /S
3.0V
2.2V < VCC(PD)
2V< VCC(PD) < 2.2V
VCC(PD)
_
_
_
Vcc = 3V,/S
> Vcc-0.2V,
Other inputs=0~Vcc
_
_
0.05
3
µA
-G,-GI
-XG
~25°C
-G,-GI
-XG
~40°C
-G,-GI
-XG
~70°C
-GI
~85°C
0.6
10
2
20


Similar Part No. - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL MITSUBISHI-M5M5256DFP-10VXL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL-I MITSUBISHI-M5M5256DFP-10VXL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com