Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5256DFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M5M5256DFP
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5256DFP Datasheet(HTML) 6 Page - Renesas Technology Corp

  M5M5256DFP Datasheet HTML 1Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 2Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 3Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 4Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 5Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 6Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 7Page - Renesas Technology Corp M5M5256DFP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RENESAS LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP,VP -70G,-70GI,-70XG
6
Write cycle ( /S control mode)
tsu (S)
trec (W)
th (D)
tCW
(Note 5)
(Note 3)
(Note 3)
tsu (A)
(Note 4)
tsu (D)
DATA IN
STABLE
DQ1~8
/S
/W
A0~14
Note 3 : Hatching indicates the state is "don't care".
5 : If /W goes low simultaneously with or prior to /S, the outputs remain in the high impedance state.
6 : Don't apply inv erted phase signal externally when DQ pin is output mode.
4 : Writing is executed in ov erlap of /S and /W low.
7 : ten, tdis are periodically sampled and are not 100% tested.
(4) MEASUREMENT CONDITIONS
Input pulse level .............. VIH=2.4V,VIL=0.6V
Input rise and fall time ..... 5ns
Reference level ................ VOH=VOL=1.5V
Output load ...................... Fig.2, CL=100pF
CL=5pF (for ten,tdis)
T ransition is measured ±500mV from steady
state voltage. (for ten,tdis)
Vcc
DQ
CL
Fig.2 Output load
1.8k
990
(Including
scope and JIG)
Limits1:Vcc=3.3±0.3V
Input pulse level .............. VIH=2.4V,VIL=0.4V
Input rise and fall time ..... 5ns
Reference level ................ VOH=VOL=1.5V
Output load ...................... Fig.1, CL=30pF
CL=5pF (for ten,tdis)
T ransition is measured ±500mV from steady
state voltage. (for ten,tdis)
Limits2:Vcc=5.0±0.5V
DQ
CL
Fig.1 Output load
(Including
scope and JIG)


Similar Part No. - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
160Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL MITSUBISHI-M5M5256DFP-10VXL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL-I MITSUBISHI-M5M5256DFP-10VXL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com