Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2337DS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI2337DS
Description  P-Channel 80-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2337DS Datasheet(HTML) 3 Page - Vishay Siliconix

  SI2337DS_08 Datasheet HTML 1Page - Vishay Siliconix SI2337DS_08 Datasheet HTML 2Page - Vishay Siliconix SI2337DS_08 Datasheet HTML 3Page - Vishay Siliconix SI2337DS_08 Datasheet HTML 4Page - Vishay Siliconix SI2337DS_08 Datasheet HTML 5Page - Vishay Siliconix SI2337DS_08 Datasheet HTML 6Page - Vishay Siliconix SI2337DS_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 73533
S-71597-Rev. C, 30-Jul-07
www.vishay.com
3
Vishay Siliconix
Si2337DS
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
1
2
3
4
5
6
7
0.00
1.00
2.00
3.00
4.00
VGS = 10 thru 6 V
VGS = 4 V
VDS - Drain-to-Source Voltage (V)
VGS = 5 V
0.10
0.15
0.20
0.25
0.30
01234567
VGS = 10 V
ID - Drain Current (A)
VGS = 6 V
0
2
4
6
8
10
02468
10
12
ID =1.2 A
Qg - Total Gate Charge (nC)
VDS = 64 V
VDS = 40 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
6
7
0.0
1.0
2.0
3.0
4.0
5.0
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = - 55 °C
TA = 125 °C
0
100
200
300
400
500
600
700
0
10203040
50607080
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
Crss
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
TJ - Junction Temperature (°C)
ID = 1.2 A
VGS = 6 V


Similar Part No. - SI2337DS_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2337DS-3 KEXIN-SI2337DS-3 Datasheet
2Mb / 6P
   P-Channel Enhancement MOSFET
SI2337DS-HF KEXIN-SI2337DS-HF Datasheet
2Mb / 6P
   P-Channel MOSFET
SI2337DS-HF-3 KEXIN-SI2337DS-HF-3 Datasheet
2Mb / 6P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2337DS-T1-E3 VISHAY-SI2337DS-T1-E3 Datasheet
226Kb / 10P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2337DS-T1-E3 VBSEMI-SI2337DS-T1-E3 Datasheet
1Mb / 10P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI2337DS_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
   P-Channel 80-V (D-S) MOSFET
Rev. D, 02-Feb-09
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 24-Jul-06
logo
Analog Power
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
   P-Channel 80 V (D-S) MOSFET
Rev. A, 19-Oct-2020
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2337DS VISHAY-SI2337DS Datasheet
202Kb / 3P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 31-Oct-05
logo
Analog Power
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
   P-Channel 80-V (D-S) MOSFET
AM2381P ANALOGPOWER-AM2381P Datasheet
71Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7469DP VISHAY-SI7469DP Datasheet
107Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com