Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM22 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MM22
Description  Rack and Panel Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM22 Datasheet(HTML) 2 Page - Vishay Siliconix

  MM22_08 Datasheet HTML 1Page - Vishay Siliconix MM22_08 Datasheet HTML 2Page - Vishay Siliconix MM22_08 Datasheet HTML 3Page - Vishay Siliconix MM22_08 Datasheet HTML 4Page - Vishay Siliconix MM22_08 Datasheet HTML 5Page - Vishay Siliconix MM22_08 Datasheet HTML 6Page - Vishay Siliconix MM22_08 Datasheet HTML 7Page - Vishay Siliconix MM22_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 36008
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 15-Feb-07
2
MM22 and MM24
Rack and Panel Connectors
Military, MIL-C-28748/7/8 Qualified and Commercial
Microminiature Rectangular with Optional Hoods
Vishay Dale
CONTACT GAUGE
B DIAMETER
CONTACT GAUGE
C DIP TAIL LENGTH
D DIAMETER
22 AWG
0.030 ± 0.001
[0.762 ± 0.025]
22 AWG
0.160 or 0.350
[4.06 or 8.89] Nom.
0.025
[0.635]
24 AWG
0.025 ± 0.001
[0.635 ± 0.025]
24 AWG
0.160 or 0.350
[4.06 or 8.89] Nom.
0.025
[0.635]
DIMENSIONS in inches [millimeters]
DIMENSIONS in inches [millimeters]
HARDWARE
TYPE
E
DIAMETER
F
DIAMETER
026
0.078
[1.98]
0.125
[3.17]
026L
0.078
[1.98]
0.125
[3.17]
027
0.078
[1.98]
0.125
[3.17]
027L
0.078
[1.98]
0.125
[3.17]
MMS
With Fixed (026, 027) Guides
0.520
[13.21]
0.230 [5.84]
2-56 UNC-2A
Thread Typ.
0.030 [0.762]
Wide
x
0.040 [1.02]
Deep
Slot Typ.
0.110 [2.79]
0.140 [3.56]
F Dia.
0.034 [0.864] Dia.
Solder Cup
#22 or #24
AWG Max.
MMP
With Fixed (026, 027) Guides
0.140
[3.56]
“A”
End of
Connector
0.230 [5.84]
E Dia.
0.490
[12.45]
0.140
[3.56]
MMS
With Fixed (026L, 027L)
Guides
0.040
[1.02]
Typ.
0.620
[15.75]
0.230
[5.84]
0.140
[3.56]
0.110 [2.79]
0.034
[0.864]
Dia.
Solder Cup
#22 or #24
AWG Max.
0.030
[0.762]
Typ.
MMP
With Fixed (026L, 027L)
Guides
2-56 UNC-2A
Typ.
0.590
[14.99]
0.250
[6.35]
“A”
End of
Connector
Short Turnable
Screwlocks (SK030)
0.500
[12.70]
0.160 [4.06]
0.540
[13.72]
0.030 [0.762]
Wide
x
0.040 [1.02]
Deep
Typ.
0.110
[2.79]
0.140
[3.56]
0.124
[3.15]
Dia.
Turnable
Screwlocks (SK)
0.110 [2.79]
0.950
[24.13]
0.910
[23.11]
0.046 [1.17] Wide x
0.062 [1.57] Deep
Typ.
0.187
[4.75]
Dia.
Fixed
Screwlocks (SL)
0.140
[3.56]
0.490
[12.45]
0.520
[13.21]
Fixed
Screwlocks (SLL)
0.034 [0.864]
Dia.
Solder Cup
#22 or #24
AWG Max.
0.140
[3.56]
0.230
[5.84]
0.110
[2.79]
0.620
[15.75]
0.590
0.250
[6.35]
Fixed Screwlocks
And Nylon Retaining Nut
And Fiber Washer (NSL)
0.620
[15.75]
0.590
[14.99]
Short Turnable
Screwlocks (SK2035)
0.580
[14.73]
0.140
[3.56]
0.110
[2.79]
0.610
[15.49]
0.240 [6.10]
Typ.
0.093
[2.36]
Hex Socket
0.090 [2.29]
Deep Typ.
0.180
[4.57]
Dia.


Similar Part No. - MM22_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM2280H ETC2-MM2280H Datasheet
379Kb / 1P
   DC AXIAL FANS
More results

Similar Description - MM22_08

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
   Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com