Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MM22
Description  Rack and Panel Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM22 Datasheet(HTML) 1 Page - Vishay Siliconix

  MM22_08 Datasheet HTML 1Page - Vishay Siliconix MM22_08 Datasheet HTML 2Page - Vishay Siliconix MM22_08 Datasheet HTML 3Page - Vishay Siliconix MM22_08 Datasheet HTML 4Page - Vishay Siliconix MM22_08 Datasheet HTML 5Page - Vishay Siliconix MM22_08 Datasheet HTML 6Page - Vishay Siliconix MM22_08 Datasheet HTML 7Page - Vishay Siliconix MM22_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rack and Panel Connectors
Military, MIL-C-28748/7/8 Qualified and Commercial
Microminiature Rectangular with Optional Hoods
MM22 and MM24
Vishay Dale
www.vishay.com
For technical questions, contact: connectors@vishay.com
Document Number: 36008
1
Revision: 15-Feb-07
FEATURES
• Qualified to MIL-C-28748/7/8
• Solder cup contacts
• Dip solder contacts
• Fixed and turnable screwlocks
• Optional closed entry socket contacts
APPLICATIONS
Especially suited for use in airborne, instrumentation and
portable equipment applications or wherever the following
requirements must be met: Minimum space and weight
without sacrifice of performance, high quality materials, long
service life, high vibration and shock resistance and positive
locking.
ELECTRICAL SPECIFICATIONS
Current Rating: Model MM22 = 5 amps
Model MM24 = 3 amps
Breakdown Voltage: At sea level: 2000 V RMS
At 70 000 feet: 500 V RMS
MATERIAL SPECIFICATIONS
Contact Pin: Phosphor bronze
Contact Socket: Phosphor bronze (Beryllium copper
available on request)
Contact Plating: Gold
Screwlocks: Stainless steel, passivated
Guides: Brass, gold plated or stainless steel, passivated
Standard Body: Glass-filled diallyl phthalate per MIL-M-14,
Model SDG-F, green
DIMENSIONS in inches [millimeters]
MMS
With Solder Cup Contacts
MMP
With Solder Cup Contacts
0.034 [0.864] Dia.
Solder Cup
0.110 [2.79]
Typ.
B
0.140
[3.56]
MMDS
With Dip Solder Contacts
MMDP
With Dip Solder Contacts
D
0.030
[0.762]
0.140
[3.56]
C
D


Similar Part No. - MM22_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM2280H ETC2-MM2280H Datasheet
379Kb / 1P
DC AXIAL FANS
More results

Similar Description - MM22_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
Rack and Panel Filter Connectors
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
Revision: 08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
01-Jan-2022
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com