Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM22 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MM22
Description  Rack and Panel Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM22 Datasheet(HTML) 7 Page - Vishay Siliconix

  MM22_08 Datasheet HTML 1Page - Vishay Siliconix MM22_08 Datasheet HTML 2Page - Vishay Siliconix MM22_08 Datasheet HTML 3Page - Vishay Siliconix MM22_08 Datasheet HTML 4Page - Vishay Siliconix MM22_08 Datasheet HTML 5Page - Vishay Siliconix MM22_08 Datasheet HTML 6Page - Vishay Siliconix MM22_08 Datasheet HTML 7Page - Vishay Siliconix MM22_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 36008
For technical questions, contact: connectors@vishay.com
www.vishay.com
Revision: 15-Feb-07
7
MM22 and MM24
Rack and Panel Connectors
Military, MIL-C-28748/7/8 Qualified and Commercial
Microminiature Rectangular with Optional Hoods
Vishay Dale
ORDERING INFORMATION
*To order complete connector with hardware supplied unassembled, add suffix “UA” on end of hardware designation.
CONNECTOR
HOODS
HARDWARE
-
G
PLATING
026*
HARDWARE
VARIATIONS
5
NUMBER OF
CONTACTS
D1
TERMINATION
R
(OPTIONAL)
H
HOOD
VARIATIONS
22
CONTACT
SIZE
B
(OPTIONAL)
P
CONTACT
STYLE
MM
MODEL
C
CONTACTS
(Omit if no Hardware desired.)
026 = Slotted Brass Guides 0.078" [1.98 mm] Diameter.
026L =
Long Slotted Brass Guides 0.078" [1.98 mm] Diameter.
027 = Slotted Cres Guides 0.078" [1.98 mm] Diameter.
027L =
Long Slotted Cres Guides 0.078" [1.98 mm] Diameter.
SL = Chassis Mounted Fixed Screwlocks (3-48 thread)
SL2 = Chassis Mounted Fixed Screwlocks (2-56 thread)
SLL = Chassis Mounted Fixed Screwlocks
Long (3-48 thread)
SL2L = Chassis Mounted Fixed Screwlocks
Long (2-56 thread)
NSL = Chassis Mounted Fixed Screwlocks (3-48 thread)
with Nylon Retaining Nuts and Fiber Washers
NSL2 = Chassis Mounted Fixed Screwlocks (2-56 thread)
with Nylon Retaining Nuts and Fiber Washers
SK = Cable Mounted - Turnable Screwlocks (3-48 thread)
SK2 = Cable Mounted - Turnable Screwlocks (2-56 thread)
SK030 = Cable Mounted - Turnable Screwlocks (3-48 thread)
with short knobs
SK2030 = Cable Mounted - Turnable Screwlocks (2-56 thread)
with short knobs
SK2035 = Cable Mounted - Turnable Screwlocks (2-56 thread)
with socket head knobs
Microminiature
(OPTIONAL)*
Closed entry socket contacts
optional on 22 AWG socket
contacts only.
(Omit for standard contacts)
(OPTIONAL)
Dip solder termination optional.
(Omit for standard solder cup)
Select tail length:
D1 = 0.160" [4.06 mm] Nominal
D2 = 0.350" [8.89 mm] Nominal
B = Beryllium copper
contacts optional on
solder cup socket
contacts only.
(Omit for standard
contacts)
5, 7, 9, 11, 14, 18, 20, 26, 29, 34, 44 or 50*
*50 contact connectors are available in either
the standard 4-row contact arrangement per
MIL-C-28748 or a special 5-row contact
arrangement. To order the special 5-row
contact arrangement, use the designator
“C50” for the number of contacts.
Optional plating available:
G = Gold (0.00003 thick)
over Nickel.
G5 = Gold (0.00005 thick)
over Nickel.
Omit designator for Gold
(0.00001 thick) over Nickel.
22 AWG = 0.030"
[0.762mm] Diameter
24 AWG = 0.025"
[0.635mm] Diameter
P = Pin
S = Socket
R = Reversed guides
or screwlocks
(Omit for standard)
(Omit if no Hood desired.)
027H = Hood (Top Cable
Opening) with standard
027 Slotted Cres Guides.
This option is not
available in the C50
contact size.
SKH = Hood (Top Cable
Opening) with long
SK-model Turnable
Screwlocks (3-48 NF)
and knobs.
This option is not
available in the 34, 44,
50 and C50 contact sizes.
SK2H = Hood (Top Cable
Opening) with long
SK-model Turnable
Screwlocks (2-56 NF)
and knobs.
This option is not
available in the C50
contact size.


Similar Part No. - MM22_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM2280H ETC2-MM2280H Datasheet
379Kb / 1P
DC AXIAL FANS
More results

Similar Description - MM22_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
Rack and Panel Filter Connectors
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
Revision: 08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
01-Jan-2022
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com