Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4013 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # MCH4013
Description  NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4013 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH4013 Datasheet HTML 1Page - Sanyo Semicon Device MCH4013 Datasheet HTML 2Page - Sanyo Semicon Device MCH4013 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MCH4013
No. A1268-1/3
www.semiconductor-sanyo.com/network
Ordering number : ENA1268
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
80608AB TI IM TC-00001509
SANYO Semiconductors
DATA SHEET
MCH4013
NPN Epitaxial Planar Silicon Transistor
UHF to X Band Low-Noise Amplifier
and OSC Applications
Features
High cut-off frequency : fT=22.5GHz typ (VCE=3V).
Low operating voltage.
High gain :
⏐S21e⏐
2=16dB typ (f=2GHz).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to- Base Voltage
VCBO
10
V
Collector-to-Emitter Voltage
VCEO
3.5
V
Emitter-to-Base Voltage
VEBO
2.5
V
Collector Current
IC
15
mA
Collector Dissipation
PC
50
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
1.0
μA
DC Current Gain
hFE
VCE=1V, IC=5mA
70
150
Gain-Bandwidth Product
fT
VCE=3V, IC=10mA
17
22.5
GHz
Reverse Transfer Capacitance
Cre
VCB=1V, f=1MHz
0.06
pF
Forward Transfer Gain
⏐S21e⏐
2
VCE=3V, IC=10mA, f=2GHz
12
16
dB
Noise Figure
NF
VCE=1V, IC=2mA, f=2GHz
1.5
2.0
dB
Marking : GH
Notre) Pay attention to handling since it is liable to be affected by static electricity due to the high-frequency process adopted.


Similar Part No. - MCH4013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4013 SANYO-MCH4013 Datasheet
450Kb / 6P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
   UHF to X Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - MCH4013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC4H08C SANYO-EC4H08C Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H09C SANYO-EC4H09C Datasheet
45Kb / 3P
   NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
2SC6023 SANYO-2SC6023 Datasheet
58Kb / 15P
   NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6025 SANYO-2SC6025 Datasheet
68Kb / 15P
   NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
   NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com