Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4013 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH4013
Description  NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4013 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH4013 Datasheet HTML 1Page - Sanyo Semicon Device MCH4013 Datasheet HTML 2Page - Sanyo Semicon Device MCH4013 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCH4013
No. A1268-3/3
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party’s
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of August, 2008. Specifications and information herein are subject
to change without notice.
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
⏐S21e⏐
2 -- IC
Collector Current, IC -- mA
f T -- IC
0
25
50
75
100
125
150
175
IT13883
0
0
50
60
40
30
10
20
8
10
12
14
18
16
20
1.0
23
5
7
2
3
10
IT13880
5
7
10
2
3
5
7
1.0
23
5
7
10
23
IT13881
f=2GHz
f=2GHz
V CE
=3V
1V
V CE
=3V
1V
Collector Current, IC -- mA
NF -- IC
IT13898
1.0
27
35
10
23
0.5
1.5
1.0
2.0
2.5
3.0
3.5
4.0
VCE=1V
f=2GHz
ZS=Zsopt


Similar Part No. - MCH4013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4013 SANYO-MCH4013 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - MCH4013

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC4H08C SANYO-EC4H08C Datasheet
45Kb / 3P
NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H09C SANYO-EC4H09C Datasheet
45Kb / 3P
NPN Epitaxial Planar Silicon Transistor UHF to X Band Low-Noise Amplifier and OSC Applications
2SC6023 SANYO-2SC6023 Datasheet
58Kb / 15P
NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6025 SANYO-2SC6025 Datasheet
68Kb / 15P
NPN Epitaxial Planar Silicon Transistor UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
UHF to X Band Low-Noise Amplifier and OSC Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com