Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432120 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # HD6432120
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432120 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button HD6432120 Datasheet HTML 23Page - Renesas Technology Corp HD6432120 Datasheet HTML 24Page - Renesas Technology Corp HD6432120 Datasheet HTML 25Page - Renesas Technology Corp HD6432120 Datasheet HTML 26Page - Renesas Technology Corp HD6432120 Datasheet HTML 27Page - Renesas Technology Corp HD6432120 Datasheet HTML 28Page - Renesas Technology Corp HD6432120 Datasheet HTML 29Page - Renesas Technology Corp HD6432120 Datasheet HTML 30Page - Renesas Technology Corp HD6432120 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 843 page
background image
3
Item
Specifications
Data transfer
controller (DTC)
(H8S/2128 Series)
• Can be activated by internal interrupt or software
• Multiple transfers or multiple types of transfer possible for one
activation source
• Transfer possible in repeat mode, block transfer mode, etc.
• Request can be sent to CPU for interrupt that activated DTC
16-bit free-running
timer module
(FRT: 1 channel)
• One 16-bit free-running counter (also usable for external event
counting)
• Two output compare outputs
• Four input capture inputs (with buffer operation capability)
8-bit timer module
(2 channels: TMR0,
TMR1)
Each channel has:
• One 8-bit up-counter (also usable for external event counting)
• Two timer constant registers
• The two channels can be connected
Timer connection and
8-bit timer module
(2 channels: TMRX,
TMRY)
(Timer connection and
TMRX provided in
H8S/2128 Series)
Input/output and FRT, TMR1, TMRX, TMRY can be interconnected
• Measurement of input signal or frequency-divided waveform pulse
width and cycle (FRT, TMR1)
• Output of waveform obtained by modification of input signal edge (FRT,
TMR1)
• Determination of input signal duty cycle (TMRX)
• Output of waveform synchronized with input signal (FRT, TMRX,
TMRY)
• Automatic generation of cyclical waveform (FRT, TMRY)
Watchdog timer
module
(WDT: 2 channels)
• Watchdog timer or interval timer function selectable
• Subclock operation capability (channel 1 only)
8-bit PWM timer
module (PWM)
(H8S/2128 Series)
• Up to 16 outputs
• Pulse duty cycle settable from 0 to 100%
• Resolution: 1/256
• 1.25 MHz maximum carrier frequency (20 MHz operation)
14-bit PWM timer
module (PWMX)
(H8S/2128 Series)
• Up to 2 outputs
• Resolution: 1/16384
• 312.5 kHz maximum carrier frequency (20 MHz operation)
Serial communication
interface
(SCI: 2 channels, SCI0,
SCI1)
• Asynchronous mode or synchronous mode selectable
• Multiprocessor communication function


Similar Part No. - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com