Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432120 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD6432120
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432120 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD6432120 Datasheet HTML 3Page - Renesas Technology Corp HD6432120 Datasheet HTML 4Page - Renesas Technology Corp HD6432120 Datasheet HTML 5Page - Renesas Technology Corp HD6432120 Datasheet HTML 6Page - Renesas Technology Corp HD6432120 Datasheet HTML 7Page - Renesas Technology Corp HD6432120 Datasheet HTML 8Page - Renesas Technology Corp HD6432120 Datasheet HTML 9Page - Renesas Technology Corp HD6432120 Datasheet HTML 10Page - Renesas Technology Corp HD6432120 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 843 page
background image
Revisions and Additions in this Edition
Page
Item
Revisions (See Manual for Details)
Preface
On-Chip Supporting Modules
Modification
1
1.1 Overview
Modification of on-chip ROM size
4, 5
Table 1.1 Overview
Modification of memory, products lineup
24, 26
Table 1.4 Pin Functions
Modification of SCI, port 4, and port 5
27 to
72
2. CPU
Modification of TAS instruction
Addition of note on STM/LDM instructions
70, 71
2.10 Usage Notes
Addition
76
3.2.2 System Control Register (SYSCR)
Modification of bit 6; IOS enable (IOSE)
description
78
3.2.4 Serial/Timer Control Register (STCR)
Modification of bit 7 to 5 description
81
3.5 Memory Map in Each Operating Mode
Addition of description: “Do not ... ”
89
Table 4.1 Exception Types and Priority
Modification of description
145
6.4.5 Wait Control
Modification of Figure 6.7 Example of Wait
State Insertion Timing
180,
183
8.1 Over Viwe
Table 8.1 H8/2128 Series Port Functions
Modification of port 2 description
Table 8.2 H8/2124 Series Port Functions
Modification of port 2 description
219
Table 9.2 PWM Timer Module Registers
Addition of note 2
231
Table 10.2 Register Configuration
Addition of note 2
249
11.2.4 Output Compare Register AR and AF
(OCRAR, OCRAF)
Modification
265
11.3.5 Timing of Input Capture Flag (ICF) setting
Modification of Figure 11.11 Setting of Input
Capture Flag (ICFA/B/C/D)
267
Figure 11.16 Input Capture Mask Signal Clearing
Timing
Modification
269
Figure 11.18 FRC write-Clear Contention
Modification
270
Figure 11.19 FRC write-Increment Contention
Modification
271
Figure 11.20 Contention between OCR Write and
Compare-match (When automatic Addition
Function Is Not Used)
Modification
272
Figure 11.21 Contention between OCRAR/OCRA
write and Compare-match (When automatic
Addition Function Is Used)
Modification
288
12.2.6 Serial/Timer Control Register (STCR)
Modification
290
12.2.8 Timer Connection Register S (TCONRS)
Modification
291
12.2.11 Input Capture Register R, and F
(TICRR,TICRF)
[TMRX Additional Functions]
Addition of reference
299
12.3.6 Input Capture Operation
Addition
301
12.4 Interrupt Sources
Modification of table number


Similar Part No. - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com