Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432120 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # HD6432120
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432120 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button HD6432120 Datasheet HTML 44Page - Renesas Technology Corp HD6432120 Datasheet HTML 45Page - Renesas Technology Corp HD6432120 Datasheet HTML 46Page - Renesas Technology Corp HD6432120 Datasheet HTML 47Page - Renesas Technology Corp HD6432120 Datasheet HTML 48Page - Renesas Technology Corp HD6432120 Datasheet HTML 49Page - Renesas Technology Corp HD6432120 Datasheet HTML 50Page - Renesas Technology Corp HD6432120 Datasheet HTML 51Page - Renesas Technology Corp HD6432120 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 843 page
background image
24
Pin No.
Type
Symbol
DP-64S
FP-64A
TFP-80C
I/O
Name and Function
8-bit timer
(TMR0,
TMR1,
TMRX,
TMRY)
TMO0
TMO1
TMOX
TMCI0
TMCI1
35
38
38
31
36
27
30
30
23
28
35
38
38
28
36
Output
Input
Compare-match output: TMR0,
TMR1, and TMRX compare-match
output pins.
Counter external clock input:
TMR0 and TMR1 input pins for the
external clock input to the counter.
TMRI0
TMRI1
34
37
26
29
33
37
Input
Counter external reset input:
TMR0 and TMR1 counter reset
input pins.
TMIX
TMIY
31
33
23
25
28
32
Input
Counter external clock input and
reset input: TMRX and TMRY
counter clock input pins and reset
input pins.
Serial com-
munication
interface
(SCI0,
SCI1)
TxD0
TxD1
RxD0
RxD1
9
42
10
41
1
34
2
33
1
42
2
41
Output
Input
Transmit data: Data output pins.
Receive data: Data input pins.
SCK0
SCK1
11
40
3
32
3
40
Input/
output
Serial clock: Clock input/output
pins.
The SCK0 output type is NMOS
push-pull only by the H8S/2128
Series and is CMOS output in the
H8S/2124 Series.
A/D
converter
AN7 to
AN0
29 to 22 21 to 14 26, 25,
23 to 18
Input
Analog 7 to 0: Analog input pins.
CIN0 to
CIN7
31 to 38 23 to 30 28, 30,
32 to 33,
35 to 38
Input
Expansion A/D input: Expansion
A/D input pins can be connected to
the A/D converter, but as they are
also used as digital I/O pins,
precision falls to the equivalent of
6-bit resolution.
ADTRG
1
57
71
Input
A/D conversion external trigger
input: Pin for input of an external
trigger to start A/D conversion.


Similar Part No. - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com