Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432120 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD6432120
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432120 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD6432120 Datasheet HTML 41Page - Renesas Technology Corp HD6432120 Datasheet HTML 42Page - Renesas Technology Corp HD6432120 Datasheet HTML 43Page - Renesas Technology Corp HD6432120 Datasheet HTML 44Page - Renesas Technology Corp HD6432120 Datasheet HTML 45Page - Renesas Technology Corp HD6432120 Datasheet HTML 46Page - Renesas Technology Corp HD6432120 Datasheet HTML 47Page - Renesas Technology Corp HD6432120 Datasheet HTML 48Page - Renesas Technology Corp HD6432120 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 843 page
background image
21
1.3.3
Pin Functions
Table 1.4 summarizes the functions of the H8S/2128 Series and H8S/2124 Series pins.
Table 1.4
Pin Functions
Pin No.
Type
Symbol
DP-64S
FP-64A
TFP-80C
I/O
Name and Function
Power
supply
VCC1,
VCC2
14, 39
6, 31
6, 39
Input
Power supply: For connection to
the power supply. All VCC1 and
VCC2 pins should be connected to
the system power supply.
VSS
16, 48
8, 40
8, 9, 10,
12, 15, 24,
29, 31, 34,
45, 49, 50,
51, 55, 66,
70, 73, 76
Input
Ground: For connection to the
power supply (0 V). All VSS pins
should be connected to the system
power supply (0 V).
Clock
XTAL
17
9
11
Input
Connected to a crystal oscillator.
See section 21, Clock Pulse
Generator, for typical connection
diagrams for a crystal oscillator and
external clock input.
EXTAL
18
10
13
Input
Connected to a crystal oscillator.
The EXTAL pin can also input an
external clock. See section 21,
Clock Pulse Generator, for typical
connection diagrams for a crystal
oscillator and external clock input.
ø
7
63
79
Output System clock: Supplies the
system clock to external devices.
EXCL
7
63
79
Input
External subclock input: Input a
32.768 kHz external subclock.


Similar Part No. - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432120

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com