Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432126R Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # HD6432126R
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432126R Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button HD6432126R Datasheet HTML 46Page - Renesas Technology Corp HD6432126R Datasheet HTML 47Page - Renesas Technology Corp HD6432126R Datasheet HTML 48Page - Renesas Technology Corp HD6432126R Datasheet HTML 49Page - Renesas Technology Corp HD6432126R Datasheet HTML 50Page - Renesas Technology Corp HD6432126R Datasheet HTML 51Page - Renesas Technology Corp HD6432126R Datasheet HTML 52Page - Renesas Technology Corp HD6432126R Datasheet HTML 53Page - Renesas Technology Corp HD6432126R Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 843 page
background image
26
Pin No.
Type
Symbol
DP-64S
FP-64A
TFP-80C
I/O
Name and Function
I/O ports
P17 to
P10
49 to 56 41 to 48 52 to 54,
56 to 60
Input/
output
Port 1: Eight input/output pins. The
data direction of each pin can be
selected in the port 1 data direction
register (P1DDR). These pins have
built-in MOS input pull-ups, and
also have LED drive capability.
P27 to
P20
40 to 47 32 to 39 40 to 44,
46 to 48
Input/
output
Port 2: Eight input/output pins. The
data direction of each pin can be
selected in the port 2 data direction
register (P2DDR). These pins have
built-in MOS input pull-ups, and
also have LED drive capability.
P37 to
P30
64 to 57 56 to 49 69 to 67,
65 to 61
Input/
output
Port 3: Eight input/output pins. The
data direction of each pin can be
selected in the port 3 data direction
register (P3DDR). These pins have
built-in MOS input pull-ups, and
also have LED drive capability.
P47 to
P40
8 to 1
64 to 57 80 to 77,
75, 74,
72, 71
Input/
output
Port 4: Eight input/output pins. The
data direction of each pin can be
selected in the port 4 data direction
register (P4DDR). (Except P46)
P47 is an NMOS push-pull output
only by the H8S/2128 Series.
P52 to
P50
11 to 9
3 to 1
3 to 1
Input/
output
Port 5: Three input/output pins.
The data direction of each pin can
be selected in the port 5 data
direction register (P5DDR). P52 is
an NMOS push-pull output only by
the H8S/2128 Series and is an
CMOS output in the H8S/2124
Series.
P67 to
P60
38 to 31 30 to 23 38 to 35,
33, 32,
30, 28
Input/
output
Port 6: Eight input/output pins. The
data direction of each pin can be
selected in the port 6 data direction
register (P6DDR).
P77 to
P70
29 to 22 21 to 14 26, 25,
23 to 18
Input
Port 7: Eight input pins.


Similar Part No. - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com