Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432126R Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HD6432126R
Description  Single-Chip Microcomputer
PDF  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432126R Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HD6432126R Datasheet HTML 22Page - Renesas Technology Corp HD6432126R Datasheet HTML 23Page - Renesas Technology Corp HD6432126R Datasheet HTML 24Page - Renesas Technology Corp HD6432126R Datasheet HTML 25Page - Renesas Technology Corp HD6432126R Datasheet HTML 26Page - Renesas Technology Corp HD6432126R Datasheet HTML 27Page - Renesas Technology Corp HD6432126R Datasheet HTML 28Page - Renesas Technology Corp HD6432126R Datasheet HTML 29Page - Renesas Technology Corp HD6432126R Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 843 page
background image
2
Table 1.1
Overview
Item
Specifications
CPU
• General-register architecture
 Sixteen 16-bit general registers (also usable as sixteen 8-bit
registers or eight 32-bit registers)
• High-speed operation suitable for real-time control
 Maximum operating frequency: 20 MHz/5 V, 10 MHz/3 V
 High-speed arithmetic and logic operations
8/16/32-bit register-register add/subtract: 50 ns (20 MHz operation)
16
× 16-bit register-register multiply: 1000 ns (20 MHz operation)
32 ÷ 16-bit register-register divide: 1000 ns (20 MHz operation)
• Instruction set suitable for high-speed operation
 Sixty-five basic instructions
 8/16/32-bit transfer/arithmetic and logic instructions
 Unsigned/signed multiply and divide instructions
 Powerful bit-manipulation instructions
• Two CPU operating modes
 Normal mode: 64-kbyte address space
 Advanced mode: 16-Mbyte address space
Operating modes
• Three MCU operating modes
External Data Bus
Mode
CPU Operating
Mode
Description
On-Chip
ROM
Initial
Value
Maximum
Value
1
Normal
Expanded mode
with on-chip ROM
disabled
Disabled 8 bits
8 bits
2
Advanced
Expanded mode
with on-chip ROM
enabled
Enabled
8 bits
8 bits
Single-chip mode
None
3
Normal
Expanded mode
with on-chip ROM
enabled
Enabled
8 bits
8 bits
Single-chip mode
None
Bus controller
• 2-state or 3-state access space can be designated for external
expansion areas
• Number of program wait states can be set for external expansion areas


Similar Part No. - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
Single-Chip Microcomputer
logo
Renesas Technology Corp
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
SINGLE-CHIP MICROCOMPUTER
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
SINGLE-CHIP MICROCOMPUTER
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com