Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432126R Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # HD6432126R
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432126R Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button HD6432126R Datasheet HTML 96Page - Renesas Technology Corp HD6432126R Datasheet HTML 97Page - Renesas Technology Corp HD6432126R Datasheet HTML 98Page - Renesas Technology Corp HD6432126R Datasheet HTML 99Page - Renesas Technology Corp HD6432126R Datasheet HTML 100Page - Renesas Technology Corp HD6432126R Datasheet HTML 101Page - Renesas Technology Corp HD6432126R Datasheet HTML 102Page - Renesas Technology Corp HD6432126R Datasheet HTML 103Page - Renesas Technology Corp HD6432126R Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 843 page
background image
76
Bit 6—IOS Enable (IOSE): Controls the function of the
AS/IOS pin in expanded mode.
Bit 6
IOSE
Description
0
The
AS/IOS pin functions as the address strobe pin (AS)
(Low output when accessing an external area)
(Initial value)
1
The
AS/IOS pin functions as the I/O strobe pin (IOS)
(Low output when accessing a specified address from H'(FF)F000 to H'(FF)FE4F)
Bit 3—External Reset (XRST): Indicates the reset source. When the watchdog timer is used, a
reset can be generated by watchdog timer overflow as well as by external reset input. XRST is a
read-only bit. It is set to 1 by an external reset and cleared to 0 by watchdog timer overflow.
Bit 3
XRST
Description
0
A reset is generated by watchdog timer overflow
1
A reset is generated by an external reset
(Initial value)
Bit 1—Host Interface Enable (HIE): Enables or disables CPU access to on-chip supporting
function registers.
This bit controls CPU access to the 8-bit timer (channel X and Y) data registers and control
registers (TCRX/TCRY, TCSRX/TCSRY, TICRR/TCORAY, TICRF/TCORBY,
TCNTX/TCNTY, TCORC/TISR, TCORAX, and TCORBX), and the timer connection control
registers (TCONRI, TCONRO, TCONRS, and SEDGR).
Bit 1
HIE
Description
0
In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC to H'(FF)FFFF,
CPU access to 8-bit timer (channel X and Y) data registers and control
registers, and timer connection control registers, is permitted
(Initial value)
1
In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC to H'(FF)FFFF,
CPU access to 8-bit timer (channel X and Y) data registers and control
registers, and timer connection control registers, is not permitted


Similar Part No. - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com