Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432126R Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # HD6432126R
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432126R Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button HD6432126R Datasheet HTML 43Page - Renesas Technology Corp HD6432126R Datasheet HTML 44Page - Renesas Technology Corp HD6432126R Datasheet HTML 45Page - Renesas Technology Corp HD6432126R Datasheet HTML 46Page - Renesas Technology Corp HD6432126R Datasheet HTML 47Page - Renesas Technology Corp HD6432126R Datasheet HTML 48Page - Renesas Technology Corp HD6432126R Datasheet HTML 49Page - Renesas Technology Corp HD6432126R Datasheet HTML 50Page - Renesas Technology Corp HD6432126R Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 843 page
background image
23
Pin No.
Type
Symbol
DP-64S
FP-64A
TFP-80C
I/O
Name and Function
Bus
control
WAIT
8
64
80
Input
Wait: Requests insertion of a wait
state in the bus cycle when
accessing external 3-state address
space.
RD
4
60
75
Output Read: When this pin is low, it
indicates that the external address
space is being read.
WR
5
61
77
Output Write: When this pin is low, it
indicates that the external address
space is being written to.
AS/IOS
6
62
78
Output Address strobe: When this pin is
low, it indicates that address output
on the address bus is valid.
Interrupt
signals
NMI
13
5
5
Input
Nonmaskable interrupt: Requests
a nonmaskable interrupt.
IRQ0 to
IRQ2
1 to 3
57 to 59 71, 72, 74 Input
Interrupt request 0 to 2: These
pins request a maskable interrupt
16-bit free-
running
timer (FRT)
FTCI
31
23
28
Input
FRT counter clock input: Input pin
for an external clock signal for the
free-running counter (FRC).
FTOA
32
24
30
Output FRT output compare A output:
The output compare A output pin.
FTOB
37
29
37
Output FRT output compare B output:
The output compare B output pin.
FTIA
33
25
32
Input
FRT input capture A input: The
input capture A input pin.
FTIB
34
26
33
Input
FRT input capture B input: The
input capture B input pin.
FTIC
25
27
35
Input
FRT input capture C input: The
input capture C input pin.
FTID
36
28
36
Input
FRT input capture D input: The
input capture D input pin.


Similar Part No. - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com