Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6432126R Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # HD6432126R
Description  Single-Chip Microcomputer
Download  843 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432126R Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button HD6432126R Datasheet HTML 42Page - Renesas Technology Corp HD6432126R Datasheet HTML 43Page - Renesas Technology Corp HD6432126R Datasheet HTML 44Page - Renesas Technology Corp HD6432126R Datasheet HTML 45Page - Renesas Technology Corp HD6432126R Datasheet HTML 46Page - Renesas Technology Corp HD6432126R Datasheet HTML 47Page - Renesas Technology Corp HD6432126R Datasheet HTML 48Page - Renesas Technology Corp HD6432126R Datasheet HTML 49Page - Renesas Technology Corp HD6432126R Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 843 page
background image
22
Pin No.
Type
Symbol
DP-64S
FP-64A
TFP-80C
I/O
Name and Function
Operating
mode
control
MD1
MD0
19
20
11
12
14
16
Input
Mode pins: These pins set the
operating mode. The relation
between the settings of pins MD1
and MD0 and the operating mode
is shown below. These pins should
not be changed while the MCU is
operating.
MD1 MD0
Operating
Mode
Description
0
1
Mode 1
Normal
Expanded mode
with on-chip
ROM disabled
1
0
Mode 2
Advanced
Expanded mode
with on-chip
ROM enabled
Single-chip
mode
1
1
Mode 3
Normal
Expanded mode
with on-chip
ROM enabled
Single-chip
mode
System
control
RES
12
4
4
Input
Reset input: When this pin is
driven low, the chip is reset.
STBY
15
7
7
Input
Standby: When this pin is driven
low, a transition is made to
hardware standby mode.
Address
bus
A15 to
A0
40 to 47,
49 to 56
32 to 39,
41 to 48
40 to 44,
46 to 48,
52 to 54,
56 to 60
Output Address bus: These pins output
an address.
Data bus
D7 to D0 64 to 57 56 to 49 69 to 67,
65 to 61
Input/
output
Data bus: These pins constitute a
bidirectional data bus.


Similar Part No. - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432130 RENESAS-HD6432130 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432132 RENESAS-HD6432132 Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432133S RENESAS-HD6432133S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432134S RENESAS-HD6432134S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
HD6432137S RENESAS-HD6432137S Datasheet
5Mb / 1061P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
More results

Similar Description - HD6432126R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
H83437 RENESAS-H83437 Datasheet
2Mb / 753P
   Single-Chip Microcomputer
H8S-2276 RENESAS-H8S-2276 Datasheet
3Mb / 869P
   Single-Chip Microcomputer
M16C-80PIN RENESAS-M16C-80PIN Datasheet
260Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M16C-M37542F8FP RENESAS-M16C-M37542F8FP Datasheet
261Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
M16C-M38039FFLSP RENESAS-M16C-M38039FFLSP Datasheet
245Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
M37516F8HP RENESAS-M37516F8HP Datasheet
236Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD6433802H HITACHI-HD6433802H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD64F3670 HITACHI-HD64F3670 Datasheet
1Mb / 305P
   Single-Chip Microcomputer
logo
National Semiconductor ...
F38C70 NSC-F38C70 Datasheet
1Mb / 18P
   Single-Chip Microcomputer
logo
Fairchild Semiconductor
F38E70 FAIRCHILD-F38E70 Datasheet
1Mb / 20P
   Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com