Electronic Components Datasheet Search |
|
HD6432126RW Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
HD6432126RW Datasheet(HTML) 25 Page - Renesas Technology Corp |
25 / 843 page 1 Section 1 Overview 1.1 Overview The H8S/2128 Series and H8S/2124 Series comprise microcomputers (MCUs) built around the H8S/2000 CPU, employing Hitachi’s proprietary architecture, and equipped with supporting modules on-chip. The H8S/2000 CPU has an internal 32-bit architecture, is provided with sixteen 16-bit general registers and a concise, optimized instruction set designed for high-speed operation, and can address a 16-Mbyte linear address space. The instruction set is upward-compatible with H8/300 and H8/300H CPU instructions at the object-code level, facilitating migration from the H8/300, H8/300L, or H8/300H Series. On-chip supporting modules required for system configuration include a data transfer controller (DTC) bus master, ROM and RAM memory, a16-bit free-running timer module (FRT), 8-bit timer module (TMR), watchdog timer module (WDT), two PWM timers (PWM and PWMX), serial communication interface (SCI), A/D converter (ADC), and I/O ports. An I 2C bus interface (IIC) can also be incorporated as an option. The on-chip ROM is either flash memory (F-ZTAT™*) or mask ROM, with a capacity of 64 or 32 kbytes. (128 kbytes in the H8S/2128 F-ZTAT) ROM is connected to the CPU via a 16-bit data bus, enabling both byte and word data to be accessed in one state. Instruction fetching has been speeded up, and processing speed increased. Three operating modes, modes 1 to 3, are provided, and there is a choice of address space and single-chip mode or externally expanded modes. The features of the H8S/2128 Series and H8S/2124 Series are shown in Table 1.1. Note: * F-ZTAT TM is a trademark of Hitachi, Ltd. |
Similar Part No. - HD6432126RW |
|
Similar Description - HD6432126RW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |