| Electronic Components Datasheet Search |
|
SH7708 Datasheet(PDF) 143 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Datasheet(HTML) 143 Page - Renesas Technology Corp |
|
143 / 633 page ![]() 125 7.1.3 Register Configuration Table 7.1 shows the user break controller registers. Table 7.1 UBC Registers Channel Register Initial Value*1 Access Size Access Address R/W A BARA Undefined Longword H'FFFFFFB0 R/W BASRA Undefined Byte H'FFFFFFE4 R/W BAMRA Undefined Byte H'FFFFFFB4 R/W BBRA H'0000*2 Word H'FFFFFFB8 R/W B BARB Undefined Longword H'FFFFFFA0 R/W BAMRB Undefined Byte H'FFFFFFA4 R/W BASRB Undefined Byte H'FFFFFFE8 R/W BBRB H'0000*2 Word H'FFFFFFA8 R/W BDRB Undefined Longword H'FFFFFF90 R/W BDMRB Undefined Longword H'FFFFFF94 R/W Common BRCR H'0000*2 Word H'FFFFFF98 R/W Notes: 1. Value is retained in standby mode. 2. Initialized by power-on reset or manual reset. 7.1.4 Break Conditions and Register Settings The relationship between break conditions and register settings is as follows: 1. Break conditions for channel A or B are set in the respective registers. 2. The address is set in the BARA or BARB register. ASID is set in the BASRA or BASRB register. Whether the address is included in the break conditions, or whether or not masking is to be performed, is set in the BAMA or BAMB bit of the BAMRA or BAMRB register. If ASID is included in the conditions, this is set in the BASMA or BASMB bit of the BAMRA or BAMRB register. 3. Bus cycle break conditions are set in the BBRA or BBRB register. Settings are instruction fetch or data access, read or write, and data access size. In the case of an instruction fetch, whether the break is to be made before or after instruction execution is set in the PCBA or PCBB bit of the BRCR register. 4. For channel B, data can be included in the break conditions. Data is set in the BDRB register. If data is to be masked, it is set in the BDMRB register. Data inclusion in or exclusion from break conditions is set in the DBEB bit of the BRCR register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |