Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7708 Datasheet(PDF) 575 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 575 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 571Page - Renesas Technology Corp SH7708 Datasheet HTML 572Page - Renesas Technology Corp SH7708 Datasheet HTML 573Page - Renesas Technology Corp SH7708 Datasheet HTML 574Page - Renesas Technology Corp SH7708 Datasheet HTML 575Page - Renesas Technology Corp SH7708 Datasheet HTML 576Page - Renesas Technology Corp SH7708 Datasheet HTML 577Page - Renesas Technology Corp SH7708 Datasheet HTML 578Page - Renesas Technology Corp SH7708 Datasheet HTML 579Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 633 page
background image
557
L: Low-level output
Z: High impedance
K: Input pin is high impedance, output pin holds its state
Notes: 1.
Dependent on the clock mode (MD2–MD0 setting).
2.
When SCI and port are not used, I. When used, I or O depending on register setting.
3.
When SCI and port are not used, I. When used, O.
4.
When PCMCIA is not used, I. When used, H or Z.
5.
When area 2 DRAM is not used, I. When used, O.
6.
When area 2 DRAM is not used, I. When used, Z or O depending on register setting.
7.
When PCMCIA is not used, I. When used, Z or H depending on register setting.
8.
O when the port function is used.
9.
Z when the port function is used.
10. When the port function is used, K depending on register setting.
11. Z or O depending on register setting.
12. I or O depending on register setting.
13. Z or H depending on register setting.
14. In standby mode, I or O depending on register setting. In hardware standby mode, I or
L depending on register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com