Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7708 Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 440Page - Renesas Technology Corp SH7708 Datasheet HTML 441Page - Renesas Technology Corp SH7708 Datasheet HTML 442Page - Renesas Technology Corp SH7708 Datasheet HTML 443Page - Renesas Technology Corp SH7708 Datasheet HTML 444Page - Renesas Technology Corp SH7708 Datasheet HTML 445Page - Renesas Technology Corp SH7708 Datasheet HTML 446Page - Renesas Technology Corp SH7708 Datasheet HTML 447Page - Renesas Technology Corp SH7708 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 633 page
background image
426
15.1.3
Pin Configuration
Table 15.1 shows the pin configuration of the 8-bit general-purpose I/O port.
Table 15.1
Pin Configuration
Pin
Signal
I/O
Function
Port 7
PORT7
I/O
I/O port
Port 6
PORT6
I/O
I/O port
Port 5
PORT5
I/O
I/O port
Port 4
PORT4
I/O
I/O port
Port 3
PORT3
I/O
I/O port
Port 2
PORT2
I/O
I/O port
Port 1
PORT1
I/O
I/O port
Port 0
PORT0
I/O
I/O port
Table 15.2 shows the pin configuration of the SCI I/O port.
Table 15.2
Pin Configuration
Pin
Signal
I/O
Function
Serial transmission
TxD
O
Serial data transmission and break status
transmission
Serial reception
RxD
I
Serial data reception and break status
detection
Serial clock
SCK
I/O
Serial clock input/output and I/O port
Note:
These pins function as mode input pins MD0–MD2 after a power-on reset. They are made
to function as serial pins by performing SCI operation settings with the TE, RE, CKEI, and
CKE0 bits in SCSCR and the C/
A bit in SCSMR. Break status transmission and detection
can be performed by means of the SCI’s SCSPTR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com