Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7708 Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 402Page - Renesas Technology Corp SH7708 Datasheet HTML 403Page - Renesas Technology Corp SH7708 Datasheet HTML 404Page - Renesas Technology Corp SH7708 Datasheet HTML 405Page - Renesas Technology Corp SH7708 Datasheet HTML 406Page - Renesas Technology Corp SH7708 Datasheet HTML 407Page - Renesas Technology Corp SH7708 Datasheet HTML 408Page - Renesas Technology Corp SH7708 Datasheet HTML 409Page - Renesas Technology Corp SH7708 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 633 page
background image
388
In transmitting serial data, the SCI operates as follows:
1. The SCI monitors the TDRE bit in SCSSR. When TDRE is cleared to 0 the SCI recognizes
that the transmit data register (SCTDR) contains new data and loads this data from SCTDR
into the transmit shift register (SCTSR).
2. After loading the data from SCTDR into SCTSR, the SCI sets the TDRE bit to 1 and starts
transmitting. If the transmit-data-empty interrupt enable bit (TIE) in SCSCR is set to 1, the SCI
requests a transmit-data-empty interrupt (TXI) at this time.
If clock output mode is selected, the SCI outputs eight synchronous clock pulses. If an external
clock source is selected, the SCI outputs data in synchronization with the input clock. Data is
output from the TxD pin in order from the LSB (bit 0) to the MSB (bit 7).
3. The SCI checks the TDRE bit when it outputs the MSB (bit 7). If TDRE is 0, the SCI loads
data from SCTDR into SCTSR, then begins serial transmission of the next frame. If TDRE is
1, the SCI sets the TEND bit in SCSSR to 1, transmits the MSB, then holds the transmit data
pin (TxD) in the MSB state. If the transmit-end interrupt enable bit (TEIE) in the SCSCR is set
to 1, a transmit-end interrupt (TEI) is requested at this time.
4. After the end of serial transmission, the SCK pin is held in the high state.
Figure 13.17 shows an example of SCI transmit operation.
Bit 0
Bit 1
Bit 7
Bit 0
Bit 1
Bit 6
Serial clock
Serial data
Transfer direction
Bit 7
TXI interrupt
handler writes
data to TDR
and clears TDRE
bit to 0
1 frame
TDRE
TEND
LSB
MSB
TXI interrupt
request
TXI interrupt
request
TEI interrupt
request
Figure 13.17 Example of SCI Transmit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com