Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663R Datasheet(PDF) 1316 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1316 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1312Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1313Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1314Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1315Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1316Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1317Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1318Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1319Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1316 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1284 of 1468
REJ09B0412-0200
28.11
φ Clock Output Control
Output of the
φ clock (Bφ/SDφ) can be controlled by bits PSTOP1 and PSTOP0 in SCKCR, and
DDR for the corresponding port. Bits PSTOP1 control the B
φ clock output on the PA7 pin. Bit
PSTOP0 controls the SD
φ clock output on the PB7 pin. When bit PSTOP1 is set to 1, the Bφ clock
output stops at the end of the bus cycle and goes high. In the same way, bit PSTOP0 drives the
SD
φ clock output on the PB7 pin high. When DDR for the PA7 pin is cleared to 0, the Bφ clock
output is disabled and the pin becomes an input port. When the SDRAM interface is disabled, the
PB7 pin can be used as I/O port.
Tables 28.4 and 28.5 show the states of the
φ pin in each processing state.
Table 28.4
φ Pin (PA7) State in Each Processing State
Register Setting Value
Software
Standby Mode
Deep Software
Standby Mode
DDR
PSTOP1
Normal
Operating
Mode
Sleep
Mode
All-
Module-
Clock-Stop
Mode
OPE = 0
OPE = 1
IOKEEP = 0
IOKEEP = 1
Hardware
Standby
Mode
0
x
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
1
0
B
φ output
B
φ output Bφ output
High
High
High
High
Hi-Z
1
1
High
High
High
High
High
High
High
Hi-Z
[Legend]
x = Don't care
Table 28.5
φ Pin (PB7) State in Each Processing State (When SDRAM Interface is
Enabled)
Register Setting Value
Software
Standby Mode
Deep Software
Standby Mode
PSTOP0
Normal
Operating
Mode
Sleep
Mode
All-
Module-
Clock-Stop
Mode
OPE = 0
OPE = 1
IOKEEP = 0
IOKEEP = 1
Hardware
Standby
Mode
0
SD
φ output SDφ
output
SD
φ output High
High
High
High
Hi-Z
1
High
High
High
High
High
High
High
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com