Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663R Datasheet(PDF) 1134 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1134 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1130Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1131Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1132Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1133Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1134Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1135Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1136Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1137Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1134 / 1504 page
background image
Section 23 D/A Converter
Rev. 2.00 Sep. 24, 2008 Page 1102 of 1468
REJ09B0412-0200
23.5
Usage Notes
23.5.1
Module Stop State Setting
Operation of the D/A converter can be disabled or enabled using the module stop control register.
The initial setting is for operation of the D/A converter to be halted. Register access is enabled by
clearing the module stop state. For details, refer to section 28, Power-Down Modes.
23.5.2
D/A Output Hold Function in Software Standby Mode
When this LSI makes a transition to software standby mode with D/A conversion enabled, the
D/A outputs are retained, and the analog power supply current is equal to as during D/A
conversion. If the analog power supply current needs to be reduced in software standby mode,
clear the DAOE0, DAOE1 and DAE bits all to 0 to disable D/A conversion.
23.5.3
Notes on Deep Software Standby Mode
When this LSI makes a transition to deep software standby mode, the D/A outputs enter high-
impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com