| Electronic Components Datasheet Search |
|
H8SX/1663R Datasheet(PDF) 870 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R Datasheet(HTML) 870 Page - Renesas Technology Corp |
|
870 / 1504 page ![]() Section 16 8-Bit Timers (TMR) Rev. 2.00 Sep. 24, 2008 Page 838 of 1468 REJ09B0412-0200 • Interrupt in unit 2 and unit 3 There are two interrupt sources for the 8-bit timer (TMR_4 or TMR_5): CMIA, CMIB. The interrupt signal is CMI only. The interrupt sources are shown in table 16.7. When enabling or disabling is set by the interrupt enable bit in TCR or TCSR, and when either CMIA or CMIB interrupt source is generated, CMI is sent to the interrupt controller. To verify which interrupt source is generated, confirm by checking each flag in TCSR. No overflow-related interrupt signal exists. DTC cannot be activated by this interrupt. Table 16.7 8-Bit Timer (TMR_4 or TMR_5) Interrupt Sources (in Unit 2 and Unit 3) Signal Name Name Interrupt Source Interrupt Flag DTC Activation Priority CMIA4 TCORA_4 compare match CMFA CMI4 CMIB4 TCORB_4 compare match CMFB Not possible CMIA5 TCORA_5 compare match CMFA CMI5 CMIB5 TCORB_5 compare match CMFB Not possible 16.7.2 A/D Converter Activation The A/D converter can be activated by a compare match A for the even channels of each TMR unit. * If the ADTE bit in TCSR is set to 1 when the CMFA flag in TCSR is set to 1 by the occurrence of a compare match A, a request to start A/D conversion is sent to the A/D converter. If the 8-bit timer conversion start trigger has been selected on the A/D converter side at this time, A/D conversion is started. Note: * For the corresponding A/D converter channels, see section 22, A/D Converter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |