Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 972 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 972 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 968Page - Renesas Technology Corp H8SX1663 Datasheet HTML 969Page - Renesas Technology Corp H8SX1663 Datasheet HTML 970Page - Renesas Technology Corp H8SX1663 Datasheet HTML 971Page - Renesas Technology Corp H8SX1663 Datasheet HTML 972Page - Renesas Technology Corp H8SX1663 Datasheet HTML 973Page - Renesas Technology Corp H8SX1663 Datasheet HTML 974Page - Renesas Technology Corp H8SX1663 Datasheet HTML 975Page - Renesas Technology Corp H8SX1663 Datasheet HTML 976Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 972 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 920 of 1102
REJ09B0294-0100
(4) Procedure of Erasing, Programming, and RAM Emulation in User Program Mode
By changing the on-chip RAM start address of the download destination in FTDAR, the erasing
program and programming program can be downloaded to separate on-chip RAM areas.
Figure 21.15 shows a repeating procedure of erasing, programming, and RAM emulation.
1
1
Start procedure
program
Set FTDAR to H'00
(specify download
destination to H'FF9000)
Yes
No
Initialize erasing program
Set FTDAR to H'02
(specify download
destination H'FFB000)
Download programming program
Initialize programming program
End procedure
program
Erase relevant block
(execute erasing program)
Set FMPDR to H'FFA000
and program relevant block
(execute programming program)
Confirm operation
End ?
Download erasing program
Exit emulation mode
Make a transition to RAM
emulation mode and tuning
parameters in on-chip RAM
Figure 21.15 Repeating Procedure of Erasing, Programming,
and RAM Emulation in User Program Mode
In Figure 21.15, since RAM emulation is performed, the erasing/programming program is
downloaded to avoid the 4-kbyte on-chip RAM area (H'FFA000 to H'FFAFFF). Download and
initialization are performed only once at the beginning. Note the following when executing the
procedure program.
• Be careful not to overwrite data in the on-chip RAM with overlay settings. In addition to the
programming program area, erasing program area, and RAM emulation area, areas for the
procedure programs, work area, and stack area are reserved in the on-chip RAM. Do not make
settings that will overwrite data in these areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com