Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 938 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 938 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 934Page - Renesas Technology Corp H8SX1663 Datasheet HTML 935Page - Renesas Technology Corp H8SX1663 Datasheet HTML 936Page - Renesas Technology Corp H8SX1663 Datasheet HTML 937Page - Renesas Technology Corp H8SX1663 Datasheet HTML 938Page - Renesas Technology Corp H8SX1663 Datasheet HTML 939Page - Renesas Technology Corp H8SX1663 Datasheet HTML 940Page - Renesas Technology Corp H8SX1663 Datasheet HTML 941Page - Renesas Technology Corp H8SX1663 Datasheet HTML 942Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 938 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 886 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
1
0
0
R
R
R
Reserved
These are read-only bits and cannot be modified.
4
FLER
0
R
Flash Memory Error
Indicates that an error has occurred during programming
or erasing the flash memory. When this bit is set to 1,
the flash memory enters the error protection state.
When this bit is set to 1, high voltage is applied to the
internal flash memory. To reduce the damage to the
flash memory, the reset must be released after the reset
input period (period of
RES = 0) of at least 100 µs.
0: Flash memory operates normally (Error protection is
invalid)
[Clearing condition]
• At a power-on reset
1: An error occurs during programming/erasing flash
memory (Error protection is valid)
[Setting conditions]
• When an interrupt, such as NMI, occurs during
programming/erasing.
• When the flash memory is read during
programming/erasing (including a vector read and
an instruction fetch).
• When the SLEEP instruction is executed during
programming/erasing (including software standby
mode).
• When a bus master other than the CPU, such as the
DMAC and DTC, obtains bus mastership during
programming/erasing.
3 to 1
All 0
R
Reserved
These are read-only bits and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com