Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 933 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 933 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 929Page - Renesas Technology Corp H8SX1663 Datasheet HTML 930Page - Renesas Technology Corp H8SX1663 Datasheet HTML 931Page - Renesas Technology Corp H8SX1663 Datasheet HTML 932Page - Renesas Technology Corp H8SX1663 Datasheet HTML 933Page - Renesas Technology Corp H8SX1663 Datasheet HTML 934Page - Renesas Technology Corp H8SX1663 Datasheet HTML 935Page - Renesas Technology Corp H8SX1663 Datasheet HTML 936Page - Renesas Technology Corp H8SX1663 Datasheet HTML 937Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 881 of 1102
REJ09B0294-0100
21.4
Programming/Erasing Interface
Programming/erasing of the flash memory is done by downloading an on-chip
programming/erasing program to the on-chip RAM and specifying the start address of the
programming destination, the program data, and the erase block number using the
programming/erasing interface registers and programming/erasing interface parameters.
The procedure program for user program mode is made by the user. Figure 21.5 shows the
procedure for creating the procedure program. For details, see section 21.7.3, User Program Mode.
Download on-chip program
by setting VBR, FKEY, and
SCO bit in FCCS
Yes
No
Execute initialization
(downloaded program execution)
Select on-chip program
to be downloaded and
specify destination
Programming (in 128-byte units)
or erasing (in 1-block units)
(downloaded program execution)
Start procedure program for
programming/erasing
End procedure program
Programming/erasing
completed?
Figure 21.5 Procedure for Creating Procedure Program
(1)
Selection of On-Chip Program to be Downloaded
This LSI has programming/erasing programs which can be downloaded to the on-chip RAM. The
on-chip program to be downloaded is selected by the programming/erasing interface registers. The
start address of the on-chip RAM where an on-chip program is downloaded is specified by the
flash transfer destination address register (FTDAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com