Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 923 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 923 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 919Page - Renesas Technology Corp H8SX1663 Datasheet HTML 920Page - Renesas Technology Corp H8SX1663 Datasheet HTML 921Page - Renesas Technology Corp H8SX1663 Datasheet HTML 922Page - Renesas Technology Corp H8SX1663 Datasheet HTML 923Page - Renesas Technology Corp H8SX1663 Datasheet HTML 924Page - Renesas Technology Corp H8SX1663 Datasheet HTML 925Page - Renesas Technology Corp H8SX1663 Datasheet HTML 926Page - Renesas Technology Corp H8SX1663 Datasheet HTML 927Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 923 / 1158 page
background image
Section 19 D/A Converter
Rev.1.00 Jun. 07, 2006 Page 871 of 1102
REJ09B0294-0100
19.4
Operation
The D/A converter includes D/A conversion circuits for two channels, each of which can operate
independently. When the DAOE bit in DACR01 is set to 1, D/A conversion is enabled and the
conversion result is output.
An operation example of D/A conversion on channel 0 is shown below. Figure 19.2 shows the
timing of this operation.
1. Write the conversion data to DADR0.
2. Set the DAOE0 bit in DACR01 to 1 to start D/A conversion. The conversion result is output
from the analog output pin DA0 after the conversion time t
DCONV has elapsed. The conversion
result continues to be output until DADR0 is written to again or the DAOE0 bit is cleared to 0.
The output value is expressed by the following formula:
Contents of DADR/256
× V
ref
3. If DADR0 is written to again, the conversion is immediately started. The conversion result is
output after the conversion time t
DCONV has elapsed.
4. If the DAOE0 bit is cleared to 0, analog output is disabled.
Conversion data 1
Conversion
result 1
High-impedance state
tDCONV
DADR0
write cycle
DA0
DAOE0
DADR0
Address
P
φ
DACR01
write cycle
Conversion data 2
Conversion
result 2
tDCONV
[Legend]
tDCONV: D/A conversion time
DADR0
write cycle
DACR01
write cycle
Figure 19.2 Example of D/A Converter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com