Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 894 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 894 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 890Page - Renesas Technology Corp H8SX1663 Datasheet HTML 891Page - Renesas Technology Corp H8SX1663 Datasheet HTML 892Page - Renesas Technology Corp H8SX1663 Datasheet HTML 893Page - Renesas Technology Corp H8SX1663 Datasheet HTML 894Page - Renesas Technology Corp H8SX1663 Datasheet HTML 895Page - Renesas Technology Corp H8SX1663 Datasheet HTML 896Page - Renesas Technology Corp H8SX1663 Datasheet HTML 897Page - Renesas Technology Corp H8SX1663 Datasheet HTML 898Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 842 of 1102
REJ09B0294-0100
ICDRS
ICDRR
A
A
RDRF
SDA
(Master output)
SCL
(Slave output)
SDA
(Slave output)
12
34
56
78
9
SCL
(Master output)
Data 2
Data 1
Data 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
9
User
processing
[3] Set ACKBT
[3] Read ICDRR
[4] Read ICDRR
Figure 17.12 Slave Receive Mode Operation Timing 2
17.4.6
Noise Canceler
The logic levels at the SCL and SDA pins are routed through the noise cancelers before being
latched internally. Figure 17.13 shows a block diagram of the noise canceler circuit.
The noise canceler consists of two cascaded latches and a match detector. The signal input to SCL
(or SDA) is sampled on the system clock, but is not passed forward to the next circuit unless the
outputs of both latches agree. If they do not agree, the previous value is held.
C
Q
D
C
Q
D
Sampling clock
Sampling
clock
SCL input
or
SDA input
Latch
System clock period
Latch
Compare
match
detection
circuit
Internal SCL
or
internal SDA
Sampling clock
Figure 17.13 Block Diagram of Noise Canceler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com