| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 884 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 884 Page - Renesas Technology Corp |
|
884 / 1158 page ![]() Section 17 I 2C Bus Interface 2 (IIC2) Rev.1.00 Jun. 07, 2006 Page 832 of 1102 REJ09B0294-0100 17.3.7 I 2C Bus Transmit Data Register (ICDRT) ICDRT is an 8-bit readable/writable register that stores the transmit data. When ICDRT detects a space in the I 2C bus shift register, it transfers the transmit data which has been written to ICDRT to ICDRS and starts transmitting data. If the next data is written to ICDRT during transmitting data to ICDRS, continuous transmission is possible. Bit Bit Name Initial Value R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 0 R/W 17.3.8 I 2C Bus Receive Data Register (ICDRR) ICDRR is an 8-bit read-only register that stores the receive data. When one byte of data has been received, ICDRR transfers the receive data from ICDRS to ICDRR and the next data can be received. ICDRR is a receive-only register; therefore, this register cannot be written to by the CPU. Bit Bit Name Initial Value R/W 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 2 0 R 1 0 R 0 0 R 17.3.9 I 2C Bus Shift Register (ICDRS) ICDRS is an 8-bit write-only register that is used to transmit/receive data. In transmission, data is transferred from ICDRT to ICDRS and the data is sent from the SDA pin. In reception, data is transferred from ICDRS to ICDRR after one by of data is received. This register cannot be read from the CPU. Bit Bit Name Initial Value R/W 7 0 W 6 0 W 5 0 W 4 0 W 3 0 W 2 0 W 1 0 W 0 0 W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |