Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 854 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 854 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 850Page - Renesas Technology Corp H8SX1663 Datasheet HTML 851Page - Renesas Technology Corp H8SX1663 Datasheet HTML 852Page - Renesas Technology Corp H8SX1663 Datasheet HTML 853Page - Renesas Technology Corp H8SX1663 Datasheet HTML 854Page - Renesas Technology Corp H8SX1663 Datasheet HTML 855Page - Renesas Technology Corp H8SX1663 Datasheet HTML 856Page - Renesas Technology Corp H8SX1663 Datasheet HTML 857Page - Renesas Technology Corp H8SX1663 Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 802 of 1102
REJ09B0294-0100
16.5.6
EP2 Bulk-In Transfer (Dual FIFOs)
USB function
Application
IN token reception
Data transmission to host
Clear EP2 transfer
request flag
(IFR0.EP2 TR = 0)
Enable EP2 FIFO
empty interrupt
(IER0.EP2 EMPTY = 1)
IER0.EP2 EMPTY
interrupt
Write one packet of data
to EP2 data register
(EPDR2)
Write 1 to EP2 packet
enable bit
(TRG.EP2 PKTE = 1)
Set EP2
empty status
(IFR0.EP2
EMPTY = 1)
Valid data
in EP2 FIFO?
NACK
ACK
Interrupt request
Yes
No
Clear EP2 empty status
(IFR0.EP2 EMPTY = 0)
Space
in EP2 FIFO?
No
Yes
Interrupt
request
Figure 16.16 EP2 Bulk-In Transfer Operation
EP2 has two 64-byte FIFOs, but the user can transmit data and write transmit data without being
aware of this dual-FIFO configuration. However, one data write is performed for one FIFO. For
example, even if both FIFOs are empty, it is not possible to perform EP2PKTE at one time after
consecutively writing 128 bytes of data. EP2PKTE must be performed for each 64-byte write.
When performing bulk-in transfer, as there is no valid data in the FIFOs on reception of the first
IN token, an EP2TR bit interrupt in IFR0 is requested. With this interrupt, 1 is written to the
EP2EMPTY bit in IER0, and the EP2 FIFO empty interrupt is enabled. At first, both EP2 FIFOs
are empty, and so an EP2 FIFO empty interrupt is generated immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com