| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 817 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 817 Page - Renesas Technology Corp |
|
817 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 765 of 1102 REJ09B0294-0100 16.3.11 EP0o Data Register (EPDR0o) EPDR0o is an 8-byte receive FIFO buffer for endpoint 0. EPDR0o holds endpoint 0 receive data other than setup commands. When data is received successfully, EP0oTS in interrupt flag register 0 is set, and the number of receive bytes is indicated in the EP0o receive data size register. After the data has been read, setting EP0oRDFN in the trigger register enables the next packet to be received. This FIFO buffer can be initialized by means of BP0oCLR in the FCLR register. Bit Bit Name Initial Value R/W 7 D7 0 R 6 D6 0 R 5 D5 0 R 4 D4 0 R 3 D3 0 R 2 D2 0 R 1 D1 0 R 0 D0 0 R Bit Bit Name Initial Value R/W Description 7 to 0 D7 to D0 All 0 R Data register for control-out transfer 16.3.12 EP0s Data Register (EPDR0s) EPDR0s is an 8-byte FIFO buffer specifically for receiving endpoint 0 setup commands. Only the setup command to be processed by the application is received. When command data is received successfully, the SETUPTS bit in interrupt flag register 0 is set. As a latest setup command must be received in high priority, if data is left in this buffer, it will be overwritten with new data. If reception of the next command is started while the current command is being read, command reception has priority, the read by the application is forcibly stopped, and the read data is invalid. Bit Bit Name Initial Value R/W 7 D7 0 R 6 D6 0 R 5 D5 0 R 4 D4 0 R 3 D3 0 R 2 D2 0 R 1 D1 0 R 0 D0 0 R Bit Bit Name Initial Value R/W Description 7 to 0 D7 to D0 All 0 R Data register for storing the setup command at the control-out transfer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |