| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 763 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 763 Page - Renesas Technology Corp |
|
763 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 711 of 1102 REJ09B0294-0100 15.5.1 Multiprocessor Serial Data Transmission Figure 15.14 shows a sample flowchart for multiprocessor serial data transmission. For an ID transmission cycle, set the MPBT bit in SSR to 1 before transmission. For a data transmission cycle, clear the MPBT bit in SSR to 0 before transmission. All other SCI operations are the same as those in asynchronous mode. No <End> [1] Yes Initialization Start transmission Read TDRE flag in SSR [2] Write transmit data to TDR and set MPBT bit in SSR No Yes No Yes Read TEND flag in SSR [3] No Yes [4] Clear DR to 0 and set DDR to 1 Clear TE bit in SCR to 0 TDRE = 1 All data transmitted? TEND = 1 Break output? Clear TDRE flag to 0 [1] SCI initialization: The TxD pin is automatically designated as the transmit data output pin. After the TE bit is set to 1, a 1 is output for one frame, and transmission is enabled. [2] SCI status check and transmit data write: Read SSR and check that the TDRE flag is set to 1, then write transmit data to TDR. Set the MPBT bit in SSR to 0 or 1. Finally, clear the TDRE flag to 0. [3] Serial transmission continuation procedure: To continue serial transmission, be sure to read 1 from the TDRE flag to confirm that writing is possible, then write data to TDR, and then clear the TDRE flag to 0. However, the TDRE flag is checked and cleared automatically when the DMAC or DTC is initiated by a transmit data empty interrupt (TXI) request and writes data to TDR. [4] Break output at the end of serial transmission: To output a break in serial transmission, set DDR for the port to 1, clear DR to 0, and then clear the TE bit in SCR to 0. Figure 15.14 Sample Multiprocessor Serial Transmission Flowchart |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |