Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX1663 Datasheet(PDF) 685 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 685 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 681Page - Renesas Technology Corp H8SX1663 Datasheet HTML 682Page - Renesas Technology Corp H8SX1663 Datasheet HTML 683Page - Renesas Technology Corp H8SX1663 Datasheet HTML 684Page - Renesas Technology Corp H8SX1663 Datasheet HTML 685Page - Renesas Technology Corp H8SX1663 Datasheet HTML 686Page - Renesas Technology Corp H8SX1663 Datasheet HTML 687Page - Renesas Technology Corp H8SX1663 Datasheet HTML 688Page - Renesas Technology Corp H8SX1663 Datasheet HTML 689Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 633 of 1102
REJ09B0294-0100
12.8.5
Conflict between Compare Matches A and B
If compare match events A and B occur at the same time, the 8-bit timer operates in accordance
with the priorities for the output statuses set for compare match A and compare match B, as shown
in table 12.6.
Table 12.6
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1-output
0-output
No change
Low
12.8.6
Switching of Internal Clocks and TCNT Operation
TCNT may be incremented erroneously depending on when the internal clock is switched. Table
12.7 shows the relationship between the timing at which the internal clock is switched (by writing
to the bits CKS1 and CKS0) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the rising or falling edge of the internal
clock pulse are always monitored. Table 12.7 assumes that the falling edge is selected. If the
signal levels of the clocks before and after switching change from high to low as shown in item 3,
the change is considered as the falling edge. Therefore, a TCNT clock pulse is generated and
TCNT is incremented. This is similar to when the rising edge is selected.
The erroneous increment of TCNT can also happen when switching between rising and falling
edges of the internal clock, and when switching between internal and external clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com